Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC900LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC900LP5E
Description  50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC900LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC900LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
3 - 1
3
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC900LP5E
v04.0811
50 MHz DUAL PROGRAMMABLE
LOW PASS FILTER with DRIVER
Functional Diagram
Typical Applications
Features
General Description
The HMC900lP5e is ideal for various modulation
systems:
• Baseband filtering before a/D or after D/a converters
for point-to-point fixed wireless or base station
transceivers (gsM/gPRs, WCDMa & TD-sCDMa)
• Integrated direct conversion receiver (DCR) when
mated with mixer and Vga
• software defined radio applications
• anti-aliasing and reconstruction filters
• Test and measurement equipment
low Noise Figure: 12 dB
High linearity: Output IP3 +30 dBm
Pre-programmed and/or Programmable Bandwidth:
3.5 MHz to 50 MHz. (Please see “HMC900lP5e
Ordering Information”)
Integrated aDC Driver amplifier
exceptional 3 dB Bandwidth accuracy: ±2.5%
6th order Butterworth Magnitude & Phase Response
automatic Filter Calibration
externally Controlled Common Mode Output level
simplifies Interface
Filter Bypass Option: 100 MHz Bandwidth
Read/Write serial Port Interface (sPI)
32 lead 5x5 mm sMT Package 25 mm2
The HMC900lP5e is a 6th order, programmable
bandwidth, fully calibrated, dual low pass filter. It
features 0 or 10 dB input gain setting and supports
arbitrary bandwidths from 3.5 MHz to 50 MHz,
and when calibrated, is accurate to +/-2.5% of the
desired bandwidth. It includes a 100 MHz bandwidth
filter bypass option while retaining gain setting and
common mode control.
Housed in a compact 5x5 mm sMT QFN package,
the
HMC900lP5e
requires
minimal
exter-
nal components and provides a low cost alternative to
more complicated switched discrete filter architectures.
The integrated aDC driver and externally controlled
common mode output level further simplify system
implementations.
Filter calibration for the HMC900lP5e is accomp-
lished with any reference clock rate from 20 to 80
MHz. One time programmable (OTP) memory offers
unsurpassed flexibility allowing the user “set and
forget” parameters like gain and bandwidth setting.
Matched filter paths provide excellent quadrature
balance, making the HMC900lP5e ideal for I/Q
communications applications.
The 6th order Butterworth transfer function delivers
superior stop band rejection while maintaining both a
flat passband and minimal group delay variation.


Similar Part No. - HMC900LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
More results

Similar Description - HMC900LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
   72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Johanson Technology Inc...
0869LD14C1810 JOHANSON-0869LD14C1810 Datasheet
128Kb / 2P
   869/1810 MHz Dual Low Pass Filter
0869LD14D1810 JOHANSON-0869LD14D1810 Datasheet
327Kb / 3P
   869/1810 MHz Dual Low Pass Filter
logo
Hittite Microwave Corpo...
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
   PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Johanson Technology Inc...
0868LP15A020 JOHANSON-0868LP15A020 Datasheet
120Kb / 2P
   868 MHz Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com