Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC900LP5E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC900LP5E
Description  50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC900LP5E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC900LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC900LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
3 - 4
3
HMC900LP5E
v04.0811
50 MHz DUAL PROGRAMMABLE
LOW PASS FILTER with DRIVER
Figure 1. Filter Attenuation
(all Bandwidths)
Figure 2. Filter Noise Figure vs Bandwidth[1]
Figure 3. Filter Passband Gain Response
Figure 4. Filter Output Noise
Figure 5. Filter 3 dB Cutoff vs
Temperature, 10 MHz Bandwidth
Figure 6. Filter Side Band Rejection vs
Bandwidth
-100
-80
-60
-40
-20
0
0.1
1
10
100
Bypass
3.5MHz
5MHz
7MHz
10MHz
14MHz
20MHz
28MHz
35MHz
50MHz
FREQUENCY (MHz)
3.5 MHz
50 MHz
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
1
10
100
3.5MHz
7MHz
5MHz
10MHz
14MHz
20MHz
28MHz
35MHz
50MHz
FREQUENCY (MHz)
3.5 MHz
50 MHz
14
16
18
20
22
24
26
-40C
+27C
+85C
FILTER BANDWIDTH (MHz)
3.5
5
7
10
14
20
28
35
50
10 dB Gain
0 dB Gain
10
100
0.001
0.01
0.1
1
10
100
3.5MHz
5MHz
7MHz
10MHz
14MHz
20MHz
28MHz
35MHz
50MHz
FREQUENCY (MHz)
50 MHz
3.5 MHz
40
45
50
55
0dB
10dB
FILTER BANDWIDTH (MHz)
3.5
5
7
10
14
20
28
35
50
-10
-5
0
5
5
6
7
8
9
10
-40C
+27C
+85C
FREQUENCY (MHz)
-3dB
20
[1] Measured with 100 Ω source impedance


Similar Part No. - HMC900LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
More results

Similar Description - HMC900LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
   72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Intersil Corporation
ISL59118 INTERSIL-ISL59118 Datasheet
314Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Melexis Microelectronic...
TH7301 MELEXIS-TH7301 Datasheet
280Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
   Dual-Channel Programmable Low-Pass Filter
logo
Johanson Technology Inc...
0869LD14C1810 JOHANSON-0869LD14C1810 Datasheet
128Kb / 2P
   869/1810 MHz Dual Low Pass Filter
0869LD14D1810 JOHANSON-0869LD14D1810 Datasheet
327Kb / 3P
   869/1810 MHz Dual Low Pass Filter
logo
Hittite Microwave Corpo...
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
   PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Johanson Technology Inc...
0868LP15A020 JOHANSON-0868LP15A020 Datasheet
120Kb / 2P
   868 MHz Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com