Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC899 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC899
Description  FILTER - TUNABLE, BAND PASS 19 - 38 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC899 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC899 Datasheet HTML 1Page - Hittite Microwave Corporation HMC899 Datasheet HTML 2Page - Hittite Microwave Corporation HMC899 Datasheet HTML 3Page - Hittite Microwave Corporation HMC899 Datasheet HTML 4Page - Hittite Microwave Corporation HMC899 Datasheet HTML 5Page - Hittite Microwave Corporation HMC899 Datasheet HTML 6Page - Hittite Microwave Corporation HMC899 Datasheet HTML 7Page - Hittite Microwave Corporation HMC899 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3 - 1
3
HMC899
v00.0911
Functional Diagram
The HMC899 is a MMIC band pass filter which
features a user selectable passband frequency. The
3 dB filter bandwidth is approximately 18%. The
20 dB filter bandwidth is approximately 35%. The
center frequency can be varied between 19 and 38
GHz by applying an analog tune voltage between 0
and 14V. This tunable filter can be used as a much
smaller alternative to physically large switched filter
banks and cavity tuned filters. The HMC899 has
excellent microphonics due to the monolithic design,
and provides a dynamically adjustable solution in
advanced communications applications.
Typical Applications
Features
General Description
FILTER - TUNABLE, BAND PASS
19 - 38 GHz
The HMC899 is ideal for:
• Test & Measurement Equipment
• Military RADAR & EW/ECM
• SATCOM & Space
• Industrial & Medical Equipment
Fast Tuning Response
Excellent Wideband Rejection
Single Chip Replacement
for Mechanically Tuned Designs
Small Size: 2.5 x 1.2 x 0.10 mm
Electrical Specifications, T
A = +25 °C
Parameter
Min.
Typ.
Max.
Units
Fcenter Tuning Range
19
38
GHz
3 dB Bandwidth
18
%
Low Side Rejection Frequency (Rejection >20 dB)
0.81 *Fcenter
GHz
High Side Rejection Frequency (Rejection >20 dB)
1.20 *Fcenter
GHz
Low Side Sub-Harmonic Rejection (Rejection >40 dB)
0.54 *Fcenter
GHz
High Side Sub-Harmonic Rejection (Rejection >40 dB)
1.32 *Fcenter
GHz
Re-entry Frequency (Rejection <30 dB)
>50
GHz
Insertion Loss
7
dB
Return Loss
10
dB
Input IP3 (Pin = 0 to +20 dBm)
25
dBm
Input Power @ 5° Shift In Insertion Phase (Vfctl = 0.5V)
14
dBm
Input Power @ 5° Shift In Insertion Phase (Vfctl > = 1V)
16
dBm
Frequency Control Voltage (Vfctl)
0
14
V
Source/Sink Current (Ifctl)
±1
mA
Residual Phase Noise [1] (100 kHz Offset)
-157
dBc/Hz
Fcenter Drift Rate
-3.2
MHz/°C
Tuning Speed, Phase Settling to within 10° [2]
< 100
ns
[1] Optimum residual phase noise performance requires the use of a low noise driver circuit.
[2] Tuning speed includes 40 ns tuning voltage ramp from driver.


Similar Part No. - HMC899

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC899LP4E HITTITE-HMC899LP4E Datasheet
766Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 18.5 - 37.0 GHz
More results

Similar Description - HMC899

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC897LP4E HITTITE-HMC897LP4E Datasheet
1,013Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 9 - 19 GHz
HMC897 HITTITE-HMC897_12 Datasheet
805Kb / 8P
   FILTER - TUNABLE, BAND PASS
logo
Central Technologies
CT5HTF CT-CT5HTF Datasheet
428Kb / 1P
   Tunable Band Pass Filter
logo
Analog Devices
HMC891ALP5E AD-HMC891ALP5E Datasheet
546Kb / 11P
   1.95 GHz to 3.4 GHz, Tunable Band-Pass Filter
ADMV8420 AD-ADMV8420 Datasheet
494Kb / 14P
   10 GHz to 21.7 GHz, Tunable Band-Pass Filter
ADMV8416 AD-ADMV8416 Datasheet
567Kb / 16P
   6.3 GHz to 18 GHz, Tunable Band-Pass Filter
logo
Hittite Microwave Corpo...
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC895LP4E HITTITE-HMC895LP4E Datasheet
960Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 6.8 - 12.6 GHz
HMC893LP5E HITTITE-HMC893LP5E Datasheet
1Mb / 10P
   FILTER - TUNABLE, BAND PASS SMT 4.8 - 9.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com