Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC882LP5E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC882LP5E
Description  FILTER - TUNABLE, LOW PASS SMT 4.5 - 7.6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC882LP5E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC882LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC882LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC882LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC882LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC882LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC882LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3 - 3
3
HMC882LP5E
v01.0310
FILTER - TUNABLE, LOW PASS SMT
4.5 - 7.6 GHz
4
5
6
7
8
9
0
2
4
6
8
10
12
14
+25C
+85C
-40C
Vfctl (V)
-5
-4
-3
-2
-1
0
0
2
4
6
8
10
12
14
+25C
+85C
-40C
Vfctl (V)
-20
-16
-12
-8
-4
0
0
2
4
6
8
10
12
14
+25C
+85C
-40C
Vfctl (V)
0
100
200
300
400
500
600
0
2
4
6
8
10
12
14
+25C
+85C
-40C
Vfctl (V)
0
0.2
0.4
0.6
0.8
1
1
2
3
4
5
6
7
8
9
FREQUENCY (GHz)
0V
7V
14V
1
1.1
1.2
1.3
1.4
1.5
0
2
4
6
8
10
12
14
+25C
+85C
-40C
Vtune(V)
Rejection Ratio vs. Temperature [1]
Tuning Sensitivity vs. Temperature
Group Delay
Maximum Return Loss in a 2 dB
Bandwidth vs. Temperature
Cutoff Frequency vs. Temperature
Average Insertion Loss vs.
Temperature in a 2 dB Bandwidth
[1] Rejection ratio is defined as the ratio of the frequency at which the relative insertion loss is 20 dB to ƒcutoff


Similar Part No. - HMC882LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC882LP5E HITTITE-HMC882LP5E Datasheet
512Kb / 6P
   FILTER - TUNABLE, LOW PASS SMT 4.5 - 7.6 GHz
More results

Similar Description - HMC882LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC882LP5E HITTITE-HMC882LP5E Datasheet
512Kb / 6P
   FILTER - TUNABLE, LOW PASS SMT 4.5 - 7.6 GHz
HMC881LP5E HITTITE-HMC881LP5E Datasheet
835Kb / 6P
   FILTER - TUNABLE, LOW PASS SMT 2.2 - 4.0 GHz
HMC881LP5 HITTITE-HMC881LP5_10 Datasheet
469Kb / 6P
   FILTER - TUNABLE, LOW PASS SMT 2.2 - 4.0 GHz
HMC891LP5E HITTITE-HMC891LP5E_09 Datasheet
689Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
HMC890LP5E_1007 HITTITE-HMC890LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 1 - 2 GHz
HMC897LP4E HITTITE-HMC897LP4E Datasheet
1,013Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 9 - 19 GHz
HMC895LP4E HITTITE-HMC895LP4E Datasheet
960Kb / 8P
   FILTER - TUNABLE, BAND PASS SMT 6.8 - 12.6 GHz
HMC893LP5E HITTITE-HMC893LP5E Datasheet
1Mb / 10P
   FILTER - TUNABLE, BAND PASS SMT 4.8 - 9.5 GHz
HMC894LP5E HITTITE-HMC894LP5E Datasheet
1Mb / 10P
   FILTER - TUNABLE, BAND PASS SMT 5.9 - 11.2 GHz
HMC891LP5E_1007 HITTITE-HMC891LP5E_1007 Datasheet
1Mb / 8P
   FILTER - TUNABLE, BAND PASS SMT 2.0 - 3.9 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com