Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2491 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SK2491
Description  VZ Series Power MOSFET(180V 20A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2491 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SK2491 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK2491 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2491 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2491 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2491 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2491 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2491 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2491 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2491 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SHINDENGEN
2SK2491
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
( F20S18VZ )
180V 20A
N-Channel Enhancement type
OUTLINE DIMENSIONS
(Unit : mm)
RATINGS
Case : STO-220
VZ Series Power MOSFET
DC/DC converters
Power supplies of DC 12-24V input
Product related to
Integrated Service Digital Network
APPLICATION
Input capacitance (Ciss) is small.
Especially, input capacitance
at 0 biass is small.
The static Rds(on) is small.
The switching time is fast.
FEATURES
●Absolute Maximum Ratings (
Tc = 25℃)
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼150
Channel Temperature
Tch
150
Drain-Source Voltage
VDSS
180
V
Gate-Source Voltage
VGSS
±30
Continuous Drain Current(
DC)
ID
20
Continuous Drain Current(
Peak)
IDP
40
A
Continuous Source Current(
DC)
IS
20
Total Power Dissipation
PT
70
W
Single Pulse Avalanche Current
IAS
Tch = 25℃
20
A


Similar Part No. - 2SK2491

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2491 ISC-2SK2491 Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2491

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK2492 SHINDENGEN-2SK2492 Datasheet
407Kb / 10P
   VZ Series Power MOSFET(180V 20A)
2SK2490 SHINDENGEN-2SK2490 Datasheet
408Kb / 10P
   VZ Series Power MOSFET(180V 10A)
2SK2489 SHINDENGEN-2SK2489 Datasheet
405Kb / 10P
   VZ Series Power MOSFET(180V 10A)
2SK2560 SHINDENGEN-2SK2560 Datasheet
407Kb / 10P
   VZ Series Power MOSFET(200V 20A)
2SK2559 SHINDENGEN-2SK2559 Datasheet
408Kb / 10P
   VZ Series Power MOSFET(200V 10A)
logo
Mospec Semiconductor
2SA1216 MOSPEC-2SA1216 Datasheet
117Kb / 3P
   POWER TRANSISTORS(17A,180V,200W)
logo
Shindengen Electric Mfg...
2SK2196 SHINDENGEN-2SK2196 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2197 SHINDENGEN-2SK2197 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
logo
Rohm
R6020ANX ROHM-R6020ANX_12 Datasheet
1Mb / 14P
   Nch 600V 20A Power MOSFET
R6020ENJ ROHM-R6020ENJ Datasheet
2Mb / 14P
   Nch 600V 20A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com