Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC877LC3 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC877LC3
Description  BROADBAND TIME DELAY & PHASE SHIFTER SMT, 8 - 23 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC877LC3 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC877LC3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC877LC3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC877LC3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC877LC3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC877LC3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC877LC3 Datasheet HTML 9Page - Hittite Microwave Corporation HMC877LC3 Datasheet HTML 10Page - Hittite Microwave Corporation HMC877LC3 Datasheet HTML 11Page - Hittite Microwave Corporation HMC877LC3 Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
13
13 - 10
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC877LC3
BROADBAND TIME DELAY & PHASE SHIFTER
SMT, 8 - 23 GHz
v00.0911
Pin number
function
description
interface schematic
1, 4-5, 8-9,12
Gnd
signal grounds should be connected to 0V.
Ground paddle must be connected to dC ground
2, 3, 6, 7
inP
inn
VdCP
VdCn
differential signal inputs.
10, 11
Qn
QP
differential signal outputs.
13
VaC
The output amplitude control pin.
14
odWn
enable pin of the output. it should be connected to Gnd to enable
the part. When it is connected to VCC or floated the output is set
to VCC.
15
VCC
The supply voltage of the part.
Pin Descriptions


Similar Part No. - HMC877LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC877LC3 HITTITE-HMC877LC3 Datasheet
1Mb / 12P
   BROADBAND TIME DELAY & PHASE SHIFTER
logo
Analog Devices
HMC877LC3 AD-HMC877LC3 Datasheet
972Kb / 14P
   BROADBAND TIME DELAY & PHASE SHIFTER
logo
Hittite Microwave Corpo...
HMC877LC3 HITTITE-HMC877LC3_12 Datasheet
1Mb / 12P
   BROADBAND TIME DELAY & PHASE SHIFTER
More results

Similar Description - HMC877LC3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC877LC3 AD-HMC877LC3 Datasheet
972Kb / 14P
   BROADBAND TIME DELAY & PHASE SHIFTER
logo
Hittite Microwave Corpo...
HMC877LC3 HITTITE-HMC877LC3_12 Datasheet
1Mb / 12P
   BROADBAND TIME DELAY & PHASE SHIFTER
logo
Analog Devices
HMC911 AD-HMC911 Datasheet
1Mb / 13P
   Broadband Analog Time Delay to 24 GHz
logo
Hittite Microwave Corpo...
HMC910LC4B HITTITE-HMC910LC4B Datasheet
737Kb / 10P
   BROADBAND ANALOG TIME DELAY, DC - 24 GHz
logo
Analog Devices
HMC910LC4B AD-HMC910LC4B Datasheet
1Mb / 10P
   BROADBAND ANALOG TIME DELAY
logo
TDK Electronics
DEA101910DT-6006B1 TDK-DEA101910DT-6006B1 Datasheet
70Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6004A1 TDK-DEA101910DT-6004A1 Datasheet
69Kb / 6P
   Multilayer Phase Shifter (Delay Line)
DEA101910DT-6018A1 TDK-DEA101910DT-6018A1 Datasheet
71Kb / 6P
   Multilayer Phase Shifter (Delay Line)
logo
Hittite Microwave Corpo...
HMC929LP4E HITTITE-HMC929LP4E Datasheet
860Kb / 6P
   430째 Analog Phase Shifter, 4 - 8 GHz
HMC931LP4E HITTITE-HMC931LP4E Datasheet
844Kb / 6P
   410 Analog Phase Shifter, 8 - 12 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com