Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC860LP3E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC860LP3E
Description  QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC860LP3E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC860LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC860LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC860LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC860LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC860LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC860LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC860LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC860LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC860LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9
9 - 5
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC860LP3E
v01.0811
QUAD LOW NOISE HIGH PSRR
LINEAR VOLTAGE REGULATOR
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB GROUND.
6. CLASSIFIED AS MOISTURE SENSITIVITY LEVEL (MSL) 1.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [1]
HMC860LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H860
XXX
X
[1] 4-Digit lot number XXXX
[2] Max peak reflow temperature of 260 °C
Package Information
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Absolute Maximum Ratings
Vdd to GND Voltage
+6.5V / -0.3V
EN to GND Voltage
Vdd + 0.5V / -0.3V
RDx / HVx to GND Voltage
Vdd + 0.5V / -0.3V
Thermal Resistance
(Junction to ground paddle)
30 °C/W
Maximum Junction Temperature
+125 °C
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability. The absolute maximum ratings
apply individually only and not in combination.


Similar Part No. - HMC860LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC860LP3E HITTITE-HMC860LP3E Datasheet
479Kb / 10P
   QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
logo
Analog Devices
HMC860LP3E AD-HMC860LP3E Datasheet
688Kb / 10P
   Test Instrumentation
logo
Hittite Microwave Corpo...
HMC860LP3E HITTITE-HMC860LP3E_09 Datasheet
479Kb / 10P
   QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
More results

Similar Description - HMC860LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC860LP3E HITTITE-HMC860LP3E_09 Datasheet
479Kb / 10P
   QUAD LOW NOISE HIGH PSRR LINEAR VOLTAGE REGULATOR
HMC976LP3E HITTITE-HMC976LP3E Datasheet
1Mb / 12P
   400mA LOW NOISE, HIGH PSRR LINEAR VOLTAGE REGULATOR
logo
STMicroelectronics
LD59015XX STMICROELECTRONICS-LD59015XX Datasheet
1Mb / 16P
   150 mA low noise high PSRR linear voltage regulator
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
   Low Noise, High PSRR, 1A Linear Regulator
MP20056 MPS-MP20056 Datasheet
853Kb / 15P
   Low-Noise, High-PSRR, 250mA Linear Regulator
logo
ON Semiconductor
NCP110 ONSEMI-NCP110 Datasheet
873Kb / 16P
   Linear Regulator, Low Noise and High PSRR
March, 2018 ??Rev. 3
logo
Monolithic Power System...
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
   Dual, Low Noise, High PSRR 200mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8940 MAXIM-MAX8940 Datasheet
264Kb / 9P
   Low-Noise, High PSRR, Low-Dropout, 120mA Linear Regulator
Rev 0; 6/09
logo
Eutech Microelectronics...
EUP7907A EUTECH-EUP7907A Datasheet
440Kb / 12P
   600mA Low Noise High PSRR Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com