Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC854LC5 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC854LC5
Description  28 Gbps, 4:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC854LC5 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC854LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 1
The HMC854LC5 is a 4:1 multiplexer designed for
28Gbps data serialization. The mux latches the four
differential inputs on a rising edge of the input clock.
The device uses both rising and falling edges of the
half-rate clock to serialize the data. A quarter-rate clock
output generated on chip can be used to synchronize
data into the mux. The mux is DC coupled supporting
broadband operation.
All clock and data inputs to the HMC854LC5 are CML
and terminated on-chip with 50 Ohms to the positive
supply, GND, and may be DC or AC coupled. The
differential outputs are source terminated to 50 Ohms
and may also be AC or DC coupled. Outputs can be
connected directly to a 50 Ohm ground terminated
system, or drive devices with CML logic input. The
HMC854LC5 also features an output level control pin,
VR, which allows for loss compensation or signal level
optimization. The HMC854LC5 operates from a single
-3.3V supply and is available in ROHS compliant 5x5
mm SMT package.
General Description
HMC854LC5
Features
Functional Diagram
Differential & Singe-Ended Operation
Half Rate Clock Input
Quarter Rate Reference Clock Output
Fast Rise and Fall Times: 16 ps
Low Power Consumption: 510 mW typ.
Programmable Differential
Output Voltage Swing: 700 - 1250 mV
Single Supply: -3.3V
32 Lead Ceramic 5x5 mm SMT Package: 25 mm2
Typical Applications
The HMC854LC5 is ideal for:
• SONET OC 192
• Broadband Test & Measurement
• Serial Data Transmission up to 28 Gbps
• Mux modes:
4:1 @ 28 Gbps NRZ,
2:1 @ 14 Gbps RZ and NRZ
• FPGA Interfacing
Electrical Specifications, TA = +25°C, Vee = -3.3V, VR = 0V
Parameter
Conditions
Min.
Typ.
Max
Units
Power Supply Voltage
T > 75 °C
-3.6
-3.45
-3.3
-3.0
V
V
Power Supply Current
155
mA
Maximum Data Rate
28
Gbps
Maximum Clock Rate, Half Rate
14
GHz
Input Voltage Range, CML
-1.5
0.5
V
Input Differential Voltage
100
2000
mV
Output Rise / Fall Time
Differential, 20% - 80%
16
ps
Random Jitter Jr
rms
0.5
ps rms
Deterministic Jitter, Jd
peak-to-peak, 215-1 PRBS input [1]
4
ps, p-p
28 Gbps, 4:1 MUX
WITH PROGRAMMABLE OUTPUT VOLTAGE
v01.0610


Similar Part No. - HMC854LC5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
   GaN Power Amplifier
HMC8500PM5ETR AD-HMC8500PM5ETR Datasheet
308Kb / 17P
   GaN Power Amplifier
logo
Hittite Microwave Corpo...
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
   28 Gbps, 1:2 FANOUT BUFFER
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
   28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC851LC3C AD-HMC851LC3C Datasheet
1Mb / 10P
   RF ATE Applications
More results

Similar Description - HMC854LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC855LC5 HITTITE-HMC855LC5 Datasheet
788Kb / 8P
   28 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC847LC5 HITTITE-HMC847LC5 Datasheet
1Mb / 10P
   45 Gbps, 4:1 MUX WITH DUTY CYCLE CONTROL & PROGRAMMABLE OUTPUT VOLTAGE
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
   32 Gbps, 2:1 Mux w/ Programmable Output Voltage
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
   28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Hittite Microwave Corpo...
HMC848LC5 HITTITE-HMC848LC5 Datasheet
1Mb / 10P
   45 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC856LC5 HITTITE-HMC856LC5 Datasheet
871Kb / 8P
   28 Gbps 5-BIT DIGITAL TIME DELAY WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC853LC3C HITTITE-HMC853LC3C_09 Datasheet
289Kb / 8P
   28 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC955LC4B HITTITE-HMC955LC4B Datasheet
887Kb / 8P
   32 Gbps, 1:2 Demux w/ Programmable Output Voltage
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
   13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com