Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC854LC5 Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC854LC5
Description  28 Gbps, 4:1 MUX WITH PROGRAMMABLE OUTPUT VOLTAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC854LC5 Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC854LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC854LC5 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 9
Application Circuit
HMC854LC5
v01.0610
28 Gbps, 4:1 MUX
WITH PROGRAMMABLE OUTPUT VOLTAGE


Similar Part No. - HMC854LC5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
   GaN Power Amplifier
HMC8500PM5ETR AD-HMC8500PM5ETR Datasheet
308Kb / 17P
   GaN Power Amplifier
logo
Hittite Microwave Corpo...
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
   28 Gbps, 1:2 FANOUT BUFFER
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
   28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC851LC3C AD-HMC851LC3C Datasheet
1Mb / 10P
   RF ATE Applications
More results

Similar Description - HMC854LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC855LC5 HITTITE-HMC855LC5 Datasheet
788Kb / 8P
   28 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC847LC5 HITTITE-HMC847LC5 Datasheet
1Mb / 10P
   45 Gbps, 4:1 MUX WITH DUTY CYCLE CONTROL & PROGRAMMABLE OUTPUT VOLTAGE
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
   32 Gbps, 2:1 Mux w/ Programmable Output Voltage
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
   28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Hittite Microwave Corpo...
HMC848LC5 HITTITE-HMC848LC5 Datasheet
1Mb / 10P
   45 Gbps, 1:4 DEMUX WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC856LC5 HITTITE-HMC856LC5 Datasheet
871Kb / 8P
   28 Gbps 5-BIT DIGITAL TIME DELAY WITH PROGRAMMABLE OUTPUT VOLTAGE
HMC853LC3C HITTITE-HMC853LC3C_09 Datasheet
289Kb / 8P
   28 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC955LC4B HITTITE-HMC955LC4B Datasheet
887Kb / 8P
   32 Gbps, 1:2 Demux w/ Programmable Output Voltage
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
   13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_16 Datasheet
1Mb / 26P
[Old version datasheet]   Dual 4-Gbps 2:1/1:2 CML MUX/Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com