Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC836LP6CE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC836LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC836LP6CE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC836LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
General Description
The HMC836LP6CE is a fully functioned Fractional-N Phase-Locked-Loop (PLL) Frequency Synthesizer with an
Integrated Voltage Controlled Oscillator (VCO). The synthesizer consists of an integrated low noise VCO with x2
output, an autocalibration subsystem for low voltage VCO tuning, a very low noise digital Phase Detector (PD), a
precision controlled charge pump, a low noise reference path divider and a fractional divider.
The fractional synthesizer features an advanced delta-sigma modulator design that allows both fine step sizes and low
spurious products. The phase detector (PD) features cycle slip prevention (CSP) technology to allow faster frequency
hopping times. Ultra low in-close phase noise and low spurious also allows wider loop bandwidths for faster frequency
hopping and low micro-phonics.
For theory of operation and register map refer to the “PLLs w/ Integrated VCOs - RF VCOs Operating Guide”. To
view the Operating Guide, please visit www.hittite.com and choose HMC836LP6CE from the “Search by Part
Number” pull down menu.
HMC836LP6CE
v06.1010
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 3365 - 3705 MHz
Parameter
Condition
Min.
Typ.
Max.
Units
RF Output Characteristics
VCO Frequency
1682.5
1852.5
MHz
RF Output Frequency at fVCO x2
3365
3705
MHz
RF Output Power at fVCO x2
-1
6
9
dBm
VCO Tuning Sensitivity
Measured at 2 GHz, 2V
15
MHz/V
VCO Supply Pushing
Measured at 2 GHz, 2V
-2
1.5
MHz/V
RF Output 2nd Harmonic
-25
dBc
RF Output 3rd Harmonic
-23
dBc
RF Output 4th Harmonic
-31
dBc
RF Divider Characteristics
19-Bit N-Divider Range (Integer)
Max = 219 - 1
16
524,287
19-Bit N-Divider Range (Fractional)
Fractional nominal divide ratio
varies (-3 / +4) dynamically max
20
524,283
REF Input Characteristics
Ref Input Frequency
Synthesizer phase noise can
degrade by about 5dB when oper-
ating with a reference frequency
near the low end of this range.
10
50
200
MHz
Ref Input Range
AC Coupled
1.5
2
3.3
Vpp
Ref Input Capacitance
5
pF
14-Bit R-Divider Range
1
16,383
Phase Detector (PD)
PD Frequency Fractional Feedback Mode
[1]
0.1
100
MHz
PD Frequency Fractional Feedforward
Mode (and Register 6 [17:16] = 10)
[1]
0.1
80
MHz
PD Frequency Integer Mode
[1]
0.1
125
MHz
Electrical Specifications, T
A = +25° C
VPPCP, VDDCP, VCC1, VCC2 = 5V ±4%; RVDD, AVDD, DVDD3V, VCCPD, VCCHF, VCCPS =
3.3V ±6% GNDCP = GNDLS = Ground Paddle = 0V
Note 1: This maximum phase detector frequency can only be achieved if the minimum N value is respected. eg. In the case of fractional feedback
mode, the maximum PFD rate = fvco/20 or 100MHz, whichever is less.


Similar Part No. - HMC836LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC836LP6CE HITTITE-HMC836LP6CE Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
logo
Analog Devices
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC836LP6CE HITTITE-HMC836LP6CE_09 Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
More results

Similar Description - HMC836LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC836LP6CE HITTITE-HMC836LP6CE_09 Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
HMC828LP6CE HITTITE-HMC828LP6CE Datasheet
495Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
HMC831LP6CE HITTITE-HMC831LP6CE_10 Datasheet
1,017Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC831LP6CE HITTITE-HMC831LP6CE Datasheet
504Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC826LP6CE HITTITE-HMC826LP6CE_10 Datasheet
1Mb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC826LP6CE HITTITE-HMC826LP6CE Datasheet
531Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC824LP6CE HITTITE-HMC824LP6CE_10 Datasheet
1Mb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
Hittite Microwave Corpo...
HMC828LP6CE HITTITE-HMC828LP6CE_10 Datasheet
1,007Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com