Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC826LP6CE Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC826LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC826LP6CE Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC826LP6CE_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC826LP6CE_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC826LP6CE_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC826LP6CE_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC826LP6CE_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC826LP6CE_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC826LP6CE_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC826LP6CE_10 Datasheet HTML 9Page - Hittite Microwave Corporation HMC826LP6CE_10 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 10
Item
Description
J1, J2
PCB Mount SMA RF Connector
J3
Dual Row Terminal Strip
J4 - J6
Connector Header
C1, C15 - C17, C25
10 µF Capacitor, 0805 Pkg.
C2, C3, C6, C7, C11, C12,
C14, C18, C27, C43, C45
0.47 µF Capacitor, 0402 Pkg.
C4, C13
22 pF Capacitor, 0402 Pkg.
C5, C33
1000 pF Capacitor, 0402 Pkg.
C8
1.5 pF Capacitor, 0402 Pkg.
C19 - C24, C28, C30 - C32, C34
0.1 µF Capacitor, 0402 Pkg.
C26
1 µF Capacitor, 0603 Pkg.
C29
47 pF Capacitor, 0402 Pkg.
C35
3300 pF Capacitor, 0402 Pkg.
C36
270 pF Capacitor, 0402 Pkg.
C37, C38
68 pF Capacitor, 0402 Pkg.
C39 - C42, C44
4.7 µF Tantalum Capacitor, 0805 Pkg
C46
27 pF Capacitor, 0402 Pkg.
R1, R2, R5, R11, R15, R18, R19, R21, R24
0 Ohm Resistor, 0402 Pkg.
R3, R4
1 Ohm Resistor, 0402 Pkg.
R6, R7
0 Ohm Resistor, 0805 Pkg.
R8
22 Ohm Resistor, 0402 Pkg.
R12, R20, R29
51 Ohm Resistor, 0402 Pkg.
R22, R25
20 kOhm Resistor, 0402 Pkg.
R26 - R28
1k Ohm Resistor, 0402 Pkg.
L1
8.2 nH Inductor, 0402 Pkg.
L2, L3
47 nH Inductor, 0402 Pkg.
TP3, TP4
Test Point PC Compact SMT
U1
HMC826LP6CE PLL with Integrated VCO
U2
HMC860LP3E
Low Noise Quad Linear Regulator
Y1
3.3V, 50 MHz VCXO Crystal Oscillator
PCB [2]
125998 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25FR and FR4
List of Materials for Evaluation PCB 127829 [1]
HMC826LP6CE
v04.1010
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 990 - 1105 MHz


Similar Part No. - HMC826LP6CE_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC826LP6CE HITTITE-HMC826LP6CE Datasheet
531Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
logo
Analog Devices
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results

Similar Description - HMC826LP6CE_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC826LP6CE HITTITE-HMC826LP6CE Datasheet
531Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
HMC828LP6CE HITTITE-HMC828LP6CE Datasheet
495Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
HMC831LP6CE HITTITE-HMC831LP6CE_10 Datasheet
1,017Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_10 Datasheet
1,007Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC831LP6CE HITTITE-HMC831LP6CE Datasheet
504Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_09 Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC824LP6CE HITTITE-HMC824LP6CE_10 Datasheet
1Mb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
Hittite Microwave Corpo...
HMC828LP6CE HITTITE-HMC828LP6CE_10 Datasheet
1,007Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com