Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC820LP6CE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC820LP6CE
Description  FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO 1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC820LP6CE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC820LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC820LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
HMC820LP6CE
v05.1010
FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
1095 - 1275, 2190 - 2550, 4380 - 5100 MHz
Free Running VCO Phase Noise
Over Temperature
Typical VCO Tuning Voltage After
Calibration
Closed Loop Integer Phase Noise
[1] Fractional Mode, 50 MHz Crystal, R=1, ~80 kHz Loop BW, (Loop filter values: Contact factory for component values) 2mA Charge Pump, -385µA
Offset.
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
1095 MHz FF
2190 MHz FF
4380 MHz FF
10
2
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
1096 MHz FF
2192 MHz FF
4384 MHz FF
10
2
10
3
10
4
10
5
10
6
10
7
10
8
OFFSET FREQUENCY (Hz)
-180
-160
-140
-120
-100
-80
-60
-40
10
3
10
4
10
5
10
6
10
7
10
8
1095 MHz FF
2190 MHz FF
4380 MHz FF
OFFSET FREQUENCY (Hz)
900
950
1000
1050
1100
0
1
2
3
4
5
TUNING VOLTAGE (V)
n0
n2
n4
n6
n8
n10
n12
n14
n16
n18
n20
n22
n24
n26
n31
fmax
fmin
fmax
n30
-170
-160
-150
-140
-130
-120
-110
-100
+27C
+85C
-40C
2150
2206
2263
2319
2375
2431
2487
2544
2600
FREQUENCY (MHz)
1 MHz Offset
100 kHz Offset
10 MHz Offset
0
1
2
3
4
5
VCO FREQUENCY
0
15
31
fmin
fmax
Typical Closed Loop Fractional Phase
Noise [1]
Typical Tuning Curves vs. Switch Position
Free Running Phase Noise


Similar Part No. - HMC820LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
logo
Analog Devices
HMC820LP6CE AD-HMC820LP6CE Datasheet
879Kb / 12P
   FRACTIONAL-N PLLs w/ INTEGRATED VCO
More results

Similar Description - HMC820LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC820LP6CE HITTITE-HMC820LP6CE Datasheet
490Kb / 10P
   FRACTIONAL-N SYNTHESIZER w/ INTEGRATED VCO
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
Hittite Microwave Corpo...
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
HMC828LP6CE HITTITE-HMC828LP6CE Datasheet
495Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
HMC831LP6CE HITTITE-HMC831LP6CE_10 Datasheet
1,017Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_10 Datasheet
1,007Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC831LP6CE HITTITE-HMC831LP6CE Datasheet
504Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC826LP6CE HITTITE-HMC826LP6CE_10 Datasheet
1Mb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC826LP6CE HITTITE-HMC826LP6CE Datasheet
531Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_09 Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com