Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC819LC5 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC819LC5
Description  GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC819LC5 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC819LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC819LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC819LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC819LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC819LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC819LC5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC819LC5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC819LC5 Datasheet HTML 10Page - Hittite Microwave Corporation HMC819LC5 Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
9
9 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC819LC5
v01.1209
GaAs MMIC I/Q UPCONVERTER
17.7 - 23.6 GHz
Input P1dB, LSB vs. Temperature
Conversion Gain, LSB vs. LO Drive
Conversion Gain, LSB vs. Vdd
Output P1dB, LSB vs. Temperature
Input IP3, LSB vs. Temperature
Conversion Gain, LSB vs. Temperature
Data Taken as SSB Upconverter with External IF 90° Hybrid, IF = 2500 MHz
0
5
10
15
20
25
17
18
19
20
21
22
23
24
5 dBm
7 dBm
9 dBm
RF FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
17
18
19
20
21
22
23
24
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
0
5
10
15
20
25
30
17
18
19
20
21
22
23
24
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
0
5
10
15
20
25
17
18
19
20
21
22
23
24
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
0
5
10
15
20
25
17
18
19
20
21
22
23
24
4.5V
5.0V
5.5V
RF FREQUENCY (GHz)
5
10
15
20
25
30
17
18
19
20
21
22
23
24
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)


Similar Part No. - HMC819LC5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8191 AD-HMC8191 Datasheet
871Kb / 44P
   6 GHz to 26.5 GHz, Wideband I/Q Mixer
HMC8191LC4 AD-HMC8191LC4 Datasheet
871Kb / 44P
   6 GHz to 26.5 GHz, Wideband I/Q Mixer
HMC8191LC4TR AD-HMC8191LC4TR Datasheet
871Kb / 44P
   6 GHz to 26.5 GHz, Wideband I/Q Mixer
HMC8191LC4TR-R5 AD-HMC8191LC4TR-R5 Datasheet
871Kb / 44P
   6 GHz to 26.5 GHz, Wideband I/Q Mixer
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
   20 GHz to 42 GHz, Wideband I/Q Mixer
More results

Similar Description - HMC819LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
   GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
   GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC523 HITTITE-HMC523 Datasheet
330Kb / 6P
   GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC523 HITTITE-HMC523_09 Datasheet
247Kb / 6P
   GaAs MMIC I/Q MIXER 15 - 23.6 GHz
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
   GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
   GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
   GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
   GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC709LC5 HITTITE-HMC709LC5 Datasheet
240Kb / 6P
   GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com