Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC814LC3B Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC814LC3B
Description  SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC814LC3B Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC814LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC814LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC814LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC814LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC814LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC814LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
5
5 - 3
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Phase Noise @ 19 GHz
HMC814LC3B
v01.0510
SMT GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 13 - 24.6 GHz OUTPUT
-30
-25
-20
-15
-10
-5
0
6
7
8
9
10
11
12
13
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
12.5
14.5
16.5
18.5
20.5
22.5
24.5
26.5
+25C
+85C
-40C
FREQUENCY (GHz)
-170
-150
-130
-110
-90
-70
-50
-30
-10
10
2
10
3
10
4
10
5
10
6
10
7
10
8
FREQUENCY (Hz)


Similar Part No. - HMC814LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC814LC3B HITTITE-HMC814LC3B Datasheet
219Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
logo
Analog Devices
HMC814LC3B AD-HMC814LC3B Datasheet
344Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY
logo
Hittite Microwave Corpo...
HMC814LC3B HITTITE-HMC814LC3B_09 Datasheet
219Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
More results

Similar Description - HMC814LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC814LC3B HITTITE-HMC814LC3B_09 Datasheet
219Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814 HITTITE-HMC814_09 Datasheet
243Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814 HITTITE-HMC814_10 Datasheet
414Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
logo
Analog Devices
ADH814S AD-ADH814S Datasheet
737Kb / 8P
   13 to 24.6 GHz Output x2 Active Frequency Multiplier
Rev. A
logo
Hittite Microwave Corpo...
HMC448LC3B HITTITE-HMC448LC3B Datasheet
306Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC578LC3B HITTITE-HMC578LC3B_09 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC448LC3B HITTITE-HMC448LC3B_09 Datasheet
224Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 20 - 25 GHz OUTPUT
HMC576LC3B HITTITE-HMC576LC3B Datasheet
277Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
HMC575LP4 HITTITE-HMC575LP4_08 Datasheet
209Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com