Part Name
         Description
2SK2197

 VX-2 Series Power MOSFET(500V 20A) ( 10 Page)


SHINDENGEN
100% 
Zoom Out Zoom In
 
 10 page
background image
0
100
200
300
400
500
0
20
40
60
80
100
120
2SK2197
0
5
10
15
20
200V
Gate Charge Characteristics
ID = 20A
100V
VDD = 400V
VGS
VDS
Gate Charge Qg [nC]



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STP20NM50N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
STP20NM50FDN-CHANNEL 500V - 0.22ohm - 20A TO-220/I2PAK FDmesh™ Power MOSFET with FAST DIODE 1 2 3 4 5 MoreSTMicroelectronics
2SK2196VX-2 Series Power MOSFET 500V 20A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
STW20NM50FDN-CHANNEL 500V - 0.22ohm - 20A TO-247 FDmesh™ Power MOSFET with FAST DIODE 1 2 3 4 5 MoreSTMicroelectronics
IRFP46020A 500V 0.270 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
STP20NE06N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET 1 2 3 4 5 MoreSTMicroelectronics
2SK3683Fuji Power MOSFET SuperFAP-G series Target Specification 1 Fuji Electric
IRF45013A 500V 0.400 Ohm N-Channel Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
2SK1811LVX Series Power MOSFET 1 2 Shindengen Electric Mfg.Co.Ltd
2SK1250VX Series Power MOSFET 1 2 Shindengen Electric Mfg.Co.Ltd

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl