Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC800LP3E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC800LP3E
Description  10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC800LP3E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC800LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC800LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC800LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC800LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC800LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC800LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 5
Pin Descriptions
Pin number
Function
Description
Interface schematic
1
Vdd
supply Voltage.
2, 4, 9, 11
GnD
these pins and the exposed ground paddle
must be connected to rF/DC ground.
3, 10
rF1, rF2
these pins are DC coupled and matched to 50 ohms.
Blocking capacitors are required.
select value based on lowest frequency of operation.
5, 8
ACG1, ACG2
external capacitor to ground is required. select value for
lowest frequency of operation. Place capacitor as close
to pins as possible.
6, 7, 12, 13, 15, 16
n/C
the pins are not connected internally; however, all data
shown herein was measured with these pins connected to
rF/DC ground externally.
14
V1
see truth table and control voltage table.
Application Circuit
HMC800LP3E
v00.0110
10 dB GaAs MMIC 1-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 10 GHz


Similar Part No. - HMC800LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC801LP3E HITTITE-HMC801LP3E Datasheet
482Kb / 6P
   15 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC802ALP3E AD-HMC802ALP3E Datasheet
532Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Hittite Microwave Corpo...
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Analog Devices
HMC8038 AD-HMC8038 Datasheet
407Kb / 11P
   High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
HMC8038LP4CE AD-HMC8038LP4CE Datasheet
407Kb / 11P
   High Isolation, Silicon SPDT, Nonreflective Switch, 0.1 GHz to 6.0 GHz
More results

Similar Description - HMC800LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC801LP3E HITTITE-HMC801LP3E Datasheet
482Kb / 6P
   15 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC802LP3E HITTITE-HMC802LP3E Datasheet
486Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
HMC541LP3 HITTITE-HMC541LP3_08 Datasheet
182Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5 GHz
logo
Analog Devices
HMC802ALP3E AD-HMC802ALP3E Datasheet
532Kb / 6P
   20 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 10 GHz
logo
Hittite Microwave Corpo...
HMC541LP3 HITTITE-HMC541LP3 Datasheet
265Kb / 6P
   10 dB GaAs MMIC 1-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.0 GHz
HMC110 HITTITE-HMC110_01 Datasheet
112Kb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 10 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC540LP3 HITTITE-HMC540LP3_08 Datasheet
223Kb / 6P
   1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com