Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC799LP3E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC799LP3E
Description  DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC799LP3E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC799LP3E_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC799LP3E_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC799LP3E_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC799LP3E_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC799LP3E_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC799LP3E_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC799LP3E_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC799LP3E_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 6
HMC799LP3E
v01.1009
DC - 700 MHz, 10 kOhm
TRANSIMPEDANCE AMPLIFIER
Pin Number
Function
Description
Interface Schematic
1, 12, 14
VCC1, VCC2,
VCC3
Positive Supply
2
CFILT
Overload current filter capacitance pin.
3
RFIN
RF Input
4
CEXT
Reference voltage filter capacitance pin.
5 - 9, 11,
13, 15, 16
N/C
Not connected.
10
RFOUT
RF Output
Package
Base
GND
Package base has exposed metal ground
paddle which must be connected to ground.
Pin Descriptions


Similar Part No. - HMC799LP3E_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E_1 Datasheet
429Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
More results

Similar Description - HMC799LP3E_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E_1 Datasheet
429Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
HMC799LP3E AD-HMC799LP3E Datasheet
742Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
v01.1009
logo
Hittite Microwave Corpo...
HMC799LP3E HITTITE-HMC799LP3E Datasheet
464Kb / 8P
   DC - 700 MHz, 10 kOhm TRANSIMPEDANCE AMPLIFIER
logo
M/A-COM Technology Solu...
A59-1 MA-COM-A59-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 700 MHz
logo
Tyco Electronics
A59-1 MACOM-A59-1 Datasheet
369Kb / 2P
   Cascadable Amplifier 10 to 700 MHz
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
   10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
Teledyne Technologies I...
AP719 TELEDYNE-AP719 Datasheet
175Kb / 2P
   10 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
logo
Vitesse Semiconductor C...
VSC7878 VITESSE-VSC7878 Datasheet
465Kb / 2P
   10 Gbps Linear Transimpedance Amplifier
logo
NXP Semiconductors
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
   PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
logo
Eudyna Devices Inc
F0100604B EUDYNA-F0100604B Datasheet
1Mb / 9P
   10 Gb/s Receiver Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com