Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC798LC4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC798LC4
Description  GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC798LC4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC798LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC798LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC798LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC798LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC798LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC798LC4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC798LC4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC798LC4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
9
9 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
RF Return Loss
LO Return Loss
IF Return Loss
HMC798LC4
v03.0110
GaAs MMIC SUB-HARMONIC
SMT MIXER, 24 - 34 GHz
MxN Spurious Outputs
@ RF Port, Vdd = 5V
nLo
miF
2
1
0
-3
68
-2
53
71
66
-1
0
49
32
0
1
31
1
1
45
31
2
54
66
65
3
66
iF = 2 Ghz @ -10 dbm
Lo = 15 Ghz @ 4 dbm
all values in dbc below iF power level (2Lo - 1iF)
measured as upconverter
-20
-16
-12
-8
-4
0
20
22
24
26
28
30
32
34
36
38
40
25 C
85 C
-40 C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
0
1
2
3
4
5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
8
9
10
11
12
13
14
15
16
17
18
19
20
+25 C
+85 C
-40 C
FREQUENCY (GHz)


Similar Part No. - HMC798LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC798LC4 HITTITE-HMC798LC4 Datasheet
260Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4 Datasheet
256Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results

Similar Description - HMC798LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Analog Devices
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Hittite Microwave Corpo...
HMC338LC3B HITTITE-HMC338LC3B_09 Datasheet
250Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4 Datasheet
260Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC338LC3B HITTITE-HMC338LC3B Datasheet
340Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Analog Devices
HMC798ALC4 AD-HMC798ALC4 Datasheet
484Kb / 26P
   24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com