Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z7V5CW Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MM3Z7V5CW
Description  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MM3Z7V5CW Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MM3Z7V5CW Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z7V5CW Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z7V5CW Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z7V5CW Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z7V5CW Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Number: DB-087
May 2009, Revision D
Page 1
TAK CHEONG
®
SEMICONDUCTOR
200mW SOD-323 SURFACE MOUNT
Small Outline Flat Lead Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
200
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.4V to 75V
VZ Tolerance Selection of ±5% (C Series)
Flat Lead SOD-323 Small Outline Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
MM3Z2V4CW
Z0
2.28
2.4
2.52
5
100
1
564
45
1
MM3Z2V7CW
Z1
2.57
2.7
2.84
5
100
1
564
18
1
MM3Z3V0CW
Z2
2.85
3.0
3.15
5
100
1
564
9
1
MM3Z3V3CW
Z3
3.14
3.3
3.47
5
95
1
564
4.5
1
MM3Z3V6CW
Z4
3.42
3.6
3.78
5
90
1
564
4.5
1
MM3Z3V9CW
Z5
3.71
3.9
4.10
5
90
1
564
2.7
1
MM3Z4V3CW
Z6
4.09
4.3
4.52
5
90
1
564
2.7
1
MM3Z4V7CW
Z7
4.47
4.7
4.94
5
80
1
470
2.7
2
MM3Z5V1CW
Z8
4.85
5.1
5.36
5
60
1
451
1.8
2
MM3Z5V6CW
Z9
5.32
5.6
5.88
5
40
1
376
0.9
2
MM3Z6V2CW
ZA
5.89
6.2
6.51
5
10
1
141
2.7
4
MM3Z6V8CW
ZB
6.46
6.8
7.14
5
15
1
75
1.8
4
MM3Z7V5CW
ZC
7.11
7.5
7.86
5
15
1
75
0.9
5
MM3Z8V2CW
ZD
7.79
8.2
8.61
5
15
1
75
0.63
5
MM3Z9V1CW
ZE
8.65
9.1
9.56
5
15
1
94
0.45
6
MM3Z10VCW
ZF
9.50
10
10.50
5
20
1
141
0.18
7
MM3Z11VCW
ZG
10.45
11
11.55
5
20
1
141
0.09
8
MM3Z12VCW
ZH
11.40
12
12.60
5
25
1
141
0.09
8
MM3Z13VCW
ZJ
12.35
13
13.65
5
30
1
160
0.09
8
MM3Z15VCW
ZK
14.25
15
15.75
5
30
1
188
0.045
10.5
ELECTRICAL SYMBOL
Cathode
Anode
SOD-323 Flat Lead


Similar Part No. - MM3Z7V5CW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MM3Z7V5CW TAK_CHEONG-MM3Z7V5CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
MM3Z7V5CW SECOS-MM3Z7V5CW Datasheet
595Kb / 4P
   200mW, SOD-323L Surface Mount Zener Diodes
More results

Similar Description - MM3Z7V5CW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
UDZS2V4BW TAK_CHEONG-UDZS2V4BW Datasheet
153Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C2V4 TAK_CHEONG-TCBZX584C2V4 Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM5Z2V4B TAK_CHEONG-MM5Z2V4B Datasheet
278Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com