Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC792LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC792LP4E
Description  0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC792LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC792LP4E_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC792LP4E_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC792LP4E_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC792LP4E_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC792LP4E_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC792LP4E_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC792LP4E_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC792LP4E_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC792LP4E_10 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 5
HMC792LP4E
v00.0609
0.25 dB LSB GaAs MMIC 6-BIT
DIGITAL ATTENUATOR, DC - 6 GHz
PUP Truth Table
Power-Up States
Control Voltage Input
Reference
Insertion
Loss
D5
D4
D3
D2
D1
D0
High
High
High
High
High
High
0 dB
High
High
High
High
High
Low
-0.25 dB
High
High
High
High
Low
High
-0.5 dB
High
High
High
Low
High
High
-1 dB
High
High
Low
High
High
High
-2 dB
High
Low
High
High
High
High
-4 dB
Low
High
High
High
High
High
-8 dB
Low
Low
Low
Low
Low
Low
-15.75 dB
Any combination of the above states will provide an attenuation
equal to the sum of the bits selected.
Truth Table
Control Voltage Table
Timing Diagram (Latched Parallel Mode)
Parallel Mode
(Direct Parallel Mode & Latched Parallel Mode)
Note: The parallel mode is enabled when P/S is set to low.
Direct Parallel Mode - The attenuation state is changed by the control voltage inputs D0-D5 directly. The LE (Latch
Enable) must be at a logic high at all times to control the attenuator in this manner.
Latched Parallel Mode - The attenuation state is selected using the control voltage inputs D0-D5 and set while the
LE is in the Low state. The attenuator will not change state while LE is Low. Once all Control Voltage Inputs are at the
desired states the LE is pulsed. See timing diagram above for reference.
LE
PUP1
PUP2
Relative Attenuation
0
0
0
-15.75
0
1
0
-12
0
0
1
-8
0
1
1
Insertion Loss
1
X
X
0 to -15.75 dB
Note: The logic state of D0 - D5 determines the
power-up state per truth table shown below when LE
is high at power-up.
If LE is set to logic LOW at power-up, the logic state of
PUP1 and PUP2 determines the power-up state of the
part per PUP truth table. If the LE is set to logic HIGH
at power-up, the logic state of D0-D5 determines
the power-up state of the part per truth table. The
attenuator latches in the desired power-up state
approximately 200 ms after power-up.
Power-On Sequence
The ideal power-up sequence is: GND, Vdd, digital
inputs, RF inputs. The relative order of the digital
inputs are not important as long as they are powered
after Vdd / GND
Parameter
Typ.
Min. serial period, t
SCK
100 ns
Control set-up time, t
CS
20 ns
Control hold-time, t
CH
20 ns
LE setup-time, t
LN
10 ns
Min. LE pulse width, t
LEW
10 ns
Min LE pulse spacing, t
LES
630 ns
Serial clock hold-time from LE, t
CKN
10 ns
Hold Time, t
PH.
0 ns
Latch Enable Minimum Width, t
LEN
10 ns
Setup Time, t
PS
2 ns
State
Vdd = +3V
Vdd = +5V
Low
0 to 0.5V @ <1 µA
0 to 0.8V @ <1 µA
High
2 to 3V @ <1 µA
2 to 5V @ <1 µA


Similar Part No. - HMC792LP4E_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
More results

Similar Description - HMC792LP4E_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC629LP4 HITTITE-HMC629LP4 Datasheet
1,007Kb / 8P
   3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC424G16 HITTITE-HMC424G16 Datasheet
225Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC424 HITTITE-HMC424_09 Datasheet
241Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3_09 Datasheet
227Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
logo
Analog Devices
HMC424AG16 AD-HMC424AG16 Datasheet
439Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC424LH5 HITTITE-HMC424LH5 Datasheet
373Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
HMC424LP3 HITTITE-HMC424LP3 Datasheet
254Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com