Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC787LC3B Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC787LC3B
Description  GaAs MMIC Fundam ental Mixer, 3 - 10 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC787LC3B Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC787LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC787LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC787LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC787LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC787LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC787LC3B Datasheet HTML 6Page - Hittite Microwave Corporation HMC787LC3B Datasheet HTML 7Page - Hittite Microwave Corporation HMC787LC3B Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
9
9 - 3
Input IP3 vs. temperature
@ lO = +17 dBm *, IF Frequency = 100 MHz
Input IP3 vs. lO drive*,
IF Frequency = 100 MHz
upconverter Performance Conversion
Gain vs. lO drive, IF Frequency 100 MHz
IF Bandwidth @ lO = +17 dBm
upconverter Performance Conversion Gain
vs. lO drive lSB, IF Frequency 1100 MHz
upconverter Performance Conversion Gain
vs. lO drive lSB, IF Frequency 3100 MHz
* Two-tone input power = -10 dBm each tone, 1 MHz spacing.
HMC787LC3B
v00.0110
GaAs MMIC FundAMentAl
MIxer, 3 - 10 GHz
-20
-15
-10
-5
0
2
3
4
5
6
7
8
9
10
11
+15 dBm
+17 dBm
+19 dBm
+21 dBm
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
1
2
3
4
5
6
Conversion Gain, LO = 4.01 GHz, LO < RF
Conversion Gain, LO = 9.51 GHz, LO > RF
IF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
2
3
4
5
6
7
8
9
10
11
+15 dBm
+17 dBm
+19 dBm
+21 dBm
FREQUENCY (GHz)
0
10
20
30
40
2
3
4
5
6
7
8
9
10
11
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-15
-10
-5
0
2
3
4
5
6
7
8
9
10
11
+15 dBm
+17 dBm
+19 dBm
+21 dBm
FREQUENCY (GHz)
10
20
30
40
2
3
4
5
6
7
8
9
10
11
+13 dBm
+15 dBm
+17 dBm
+19 dBm
+21 dBm
FREQUENCY (GHz)


Similar Part No. - HMC787LC3B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC787A AD-HMC787A Datasheet
956Kb / 18P
   Conversion loss: 9 dB typical at 3 GHz to 9 GHz
HMC787ALC3B AD-HMC787ALC3B Datasheet
956Kb / 18P
   Conversion loss: 9 dB typical at 3 GHz to 9 GHz
HMC787ALC3BTR AD-HMC787ALC3BTR Datasheet
956Kb / 18P
   Conversion loss: 9 dB typical at 3 GHz to 9 GHz
HMC787ALC3BTR-R5 AD-HMC787ALC3BTR-R5 Datasheet
956Kb / 18P
   Conversion loss: 9 dB typical at 3 GHz to 9 GHz
More results

Similar Description - HMC787LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1015 HITTITE-HMC1015 Datasheet
561Kb / 8P
   GaAs MMIC Fundam ental Mixer, 26 - 32 GHz
HMC774LC3B HITTITE-HMC774LC3B_10 Datasheet
529Kb / 6P
   GaAs MMIC Fundam ental Mixer, 7 - 34 GHz
HMC773 HITTITE-HMC773_10 Datasheet
558Kb / 6P
   GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B_10 Datasheet
521Kb / 6P
   GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
HMC774 HITTITE-HMC774_10 Datasheet
556Kb / 6P
   GaAs MMIC Fundam ental Mixer, 7 - 43 GHz
logo
HBH Microwave GmbH
HX5003_SMD HBH-HX5003_SMD Datasheet
19Kb / 1P
   8 - 10 GHz GaAs MMIC Mixer
HX5003 HBH-HX5003 Datasheet
20Kb / 1P
   8 - 10 GHz GaAs MMIC Mixer
logo
Analog Devices
HMC260A AD-HMC260A Datasheet
295Kb / 16P
   10 GHz to 26 GHz, GaAs, MMIC Fundamental Mixer
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com