Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC775LC5 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC775LC5
Description  GaAs MMIC I/Q MIXER W/ LO AMPLIFIER, 10 - 16 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC775LC5 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC775LC5_11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC775LC5_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC775LC5_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC775LC5_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC775LC5_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC775LC5_11 Datasheet HTML 6Page - Hittite Microwave Corporation HMC775LC5_11 Datasheet HTML 7Page - Hittite Microwave Corporation HMC775LC5_11 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9
9 - 2
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Conversion Gain vs. Temperature
Conversion Gain vs. LO Drive
Image Rejection vs. Temperature
RF & LO Return Loss
Data Taken As IRM With External IF Hybrid
HMC775LC5
v02.0411
GaAs MMIC I/Q MIXER
W/ LO AMPLIFIER, 10 - 16 GHz
-20
-16
-12
-8
-4
0
10
11
12
13
14
15
16
+25C
+85C
-40C
FREQUENCY (GHz)
IF Return Loss
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
IF1
IF2
FREQUENCY (GHz)
Input P1dB vs. Temperature
2
6
10
14
18
22
10
11
12
13
14
15
16
25C
85C
-40C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
10
11
12
13
14
15
16
-2 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
0
10
20
30
40
50
10
11
12
13
14
15
16
+25C
+85C
-40C
FREQUENCY (GHz)
-20
-16
-12
-8
-4
0
10
11
12
13
14
15
16
RF
LO
FREQUENCY (GHz)


Similar Part No. - HMC775LC5_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC775LC5 HITTITE-HMC775LC5_09 Datasheet
319Kb / 8P
   GaAs MMIC I/Q MIXER W/ LO AMPLIFIER, 10 - 16 GHz
More results

Similar Description - HMC775LC5_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC775LC5 HITTITE-HMC775LC5_09 Datasheet
319Kb / 8P
   GaAs MMIC I/Q MIXER W/ LO AMPLIFIER, 10 - 16 GHz
HMC775LC5 HITTITE-HMC775LC5 Datasheet
319Kb / 8P
   GaAs MMIC I/Q MIXER W/ LO AMPLIFIER, 10 - 16 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522LC4 HITTITE-HMC522LC4 Datasheet
280Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528 HITTITE-HMC528 Datasheet
298Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4 Datasheet
290Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522 HITTITE-HMC522_09 Datasheet
235Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC522LC4 HITTITE-HMC522LC4_09 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC528LC4 HITTITE-HMC528LC4_09 Datasheet
207Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com