Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC773LC3B Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC773LC3B
Description  GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC773LC3B Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC773LC3B Datasheet HTML 1Page - Hittite Microwave Corporation HMC773LC3B Datasheet HTML 2Page - Hittite Microwave Corporation HMC773LC3B Datasheet HTML 3Page - Hittite Microwave Corporation HMC773LC3B Datasheet HTML 4Page - Hittite Microwave Corporation HMC773LC3B Datasheet HTML 5Page - Hittite Microwave Corporation HMC773LC3B Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 1
HMC773LC3B
GaAs MMIC FundAMentAl
MIxer, 6 - 26 GHz
v03.0809
General description
Features
Functional diagram
Passive: No DC Bias required
input iP3: +22 dBm
LO/rF isolation: 38 dB
Wide iF Bandwidth: DC - 8 GHz
12 Lead Ceramic 3x3 mm sMT Package: 9mm2
electrical Specifications, t
A = +25° C, IF = 0.5 GHz, lO = +13 dBm*
typical Applications
The HMC773LC3B is ideal for:
• Point-to-Point radios
• Point-to-Multi-Point radios & VsAT
• Test equipment & sensors
• Military end-Use
The HMC773LC3B is a general purpose double
balanced mixer in a leadless roHs compliant sMT
package that can be used as an upconverter or
downconverter between 6 and 26 GHz. This mixer
requires no external components or matching
circuitry. The HMC773LC3B provides excellent LO to
rF and LO to iF suppression due to optimized balun
structures. The mixer operates with LO drive levels
above +13 dBm. The HMC773LC3B eliminates the
need for wire bonding, allowing use of surface mount
manufacturing techniques.
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency range, rF & LO
6 - 16
16 - 26
GHz
Frequency range, iF
DC - 8
DC - 8
GHz
Conversion Loss
9
12
9
11
dB
LO to rF isolation
37
39
dB
LO to iF isolation
31
37
21
32
dB
rF to iF isolation
5
11
10
20
dB
iP3 (input)
17
22
dBm
iP2 (input)
45
50
dBm
1 dB Gain Compression (input)
10
11
dBm
* Unless otherwise noted, all measurements performed as downconverter, IF = 0.5 GHz


Similar Part No. - HMC773LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
More results

Similar Description - HMC773LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC773 HITTITE-HMC773_10 Datasheet
558Kb / 6P
   GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
HMC1015 HITTITE-HMC1015 Datasheet
561Kb / 8P
   GaAs MMIC Fundam ental Mixer, 26 - 32 GHz
HMC774LC3B HITTITE-HMC774LC3B_10 Datasheet
529Kb / 6P
   GaAs MMIC Fundam ental Mixer, 7 - 34 GHz
HMC787LC3B HITTITE-HMC787LC3B Datasheet
588Kb / 8P
   GaAs MMIC Fundam ental Mixer, 3 - 10 GHz
HMC774 HITTITE-HMC774_10 Datasheet
556Kb / 6P
   GaAs MMIC Fundam ental Mixer, 7 - 43 GHz
HMC773 HITTITE-HMC773 Datasheet
244Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
logo
Analog Devices
HMC773A AD-HMC773A Datasheet
528Kb / 22P
   6 GHz to 26 GHz, GaAs MMIC Fundamental Mixer
logo
Hittite Microwave Corpo...
HMC260 HITTITE-HMC260_09 Datasheet
226Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC260LC3B HITTITE-HMC260LC3B Datasheet
272Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com