Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC754S8GE Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC754S8GE
Description  GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC754S8GE Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC754S8GE_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 9Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 10
Evaluation PCB - Option 1 Application
The circuit board used in the final application
should use rf circuit design techniques. signal
lines should have 75 ohm impedance while the
package ground leads and package bottom should
be connected directly to the ground plane similar to
that shown. A sufficient number of via holes should
be used to connect the top and bottom ground
planes. The evaluation board should be mounted
to an appropriate heat sink. The evaluation circuit
board shown is available from Hittite upon request.
List of Materials for Evaluation PCB [1]
item
Description
J1, J2
f-connector
J3 - J6
Dc pin
c1 - c6
1 nf capacitor, 0402 pkg.
c7, c8
4.7 µf capacitor, Tantalum, 0603 pkg.
c9, c11
68 pf capacitor, 0402 pkg.
c10, c12
10 nf capacitor, 0402 pkg.
c13
1.1 pf capacitor, 0402 pkg.
l1, l2
180 nH inductor, 0603 pkg.
r1, r2
0 ohm resistor, 0603 pkg.
T1, T2 [2]
1:1 Transformer
U1
Hmc754s8Ge Amplifier
pcB [3]
126309 evaluation pcB
[1] When requesting an evaluation board, please reference the
appropriate evaluation pcB number listed in the table “components for
selected options.”
[2] please refer to “components for selected options” table for values
[3] circuit Board material: rogers 4350 or Arlon 25fr
HMC754S8GE
v00.0409
GaAs HBT HIGH LINEARITY
PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz


Similar Part No. - HMC754S8GE_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC754S8GE HITTITE-HMC754S8GE Datasheet
630Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
logo
Analog Devices
HMC754S8GE AD-HMC754S8GE Datasheet
927Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER
More results

Similar Description - HMC754S8GE_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC754S8GE HITTITE-HMC754S8GE Datasheet
630Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
logo
Analog Devices
HMC754S8GE AD-HMC754S8GE Datasheet
927Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER
logo
RF Micro Devices
RFCA3310 RFMD-RFCA3310 Datasheet
890Kb / 13P
   75 HIGH LINEARITY GaAs HBT MMIC AMPLIFIER
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
RFCA1008 QORVO-RFCA1008 Datasheet
935Kb / 23P
   5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGR-0218Z RFMD-CGR-0218Z Datasheet
452Kb / 8P
   PUSH-PULL 5MHz to 210MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com