Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC754S8GE Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC754S8GE
Description  GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC754S8GE Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC754S8GE_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC754S8GE_10 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 4
HMC754S8GE
v00.0409
GaAs HBT HIGH LINEARITY
PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
Output IP3 vs. Frequency
P1dB vs. Frequency
Noise Figure vs. Frequency
30
32
34
36
38
40
42
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FREQUENCY (GHz)
0
5
10
15
20
25
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
FREQUENCY (GHz)
Option 1 - Improved Input Return Loss & Gain Flatness (with Lower IP2) Application
Gain & Return Loss
Output IP2 vs. Frequency
-40
-30
-20
-10
0
10
20
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
S21
S11
S22
FREQUENCY (GHz)
50
60
70
80
90
100
0
0.05
0.1 0.15 0.2 0.25
0.3 0.35 0.4
0.45 0.5
FREQUENCY (GHz)


Similar Part No. - HMC754S8GE_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC754S8GE HITTITE-HMC754S8GE Datasheet
630Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
logo
Analog Devices
HMC754S8GE AD-HMC754S8GE Datasheet
927Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER
More results

Similar Description - HMC754S8GE_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC754S8GE HITTITE-HMC754S8GE Datasheet
630Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER, 75 Ohm, DC - 1 GHz
logo
Analog Devices
HMC754S8GE AD-HMC754S8GE Datasheet
927Kb / 10P
   GaAs HBT HIGH LINEARITY PUSH-PULL AMPLIFIER
logo
RF Micro Devices
RFCA3310 RFMD-RFCA3310 Datasheet
890Kb / 13P
   75 HIGH LINEARITY GaAs HBT MMIC AMPLIFIER
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
RFCA1008 QORVO-RFCA1008 Datasheet
935Kb / 23P
   5MHz to 1000MHz, Push-Pull, High Linearity InGaP HBT Amplifier
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z Datasheet
485Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGR-0218Z RFMD-CGR-0218Z Datasheet
452Kb / 8P
   PUSH-PULL 5MHz to 210MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com