Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC753LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC753LP4E
Description  GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC753LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC753LP4E_11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC753LP4E_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC753LP4E_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC753LP4E_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC753LP4E_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC753LP4E_11 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 6
HMC753LP4E
v03.0111
GaAs HEMT MMIC LOW NOISE
AMPLIFIER, 1 - 11 GHz
item
Description
J1, J2
smA Connector
J3 - J6
DC pin
C1 - C3
100pf Capacitor, 0402 pkg.
C4 - C6
10,000pf Capacitor, 0603 pkg.
C7 - C9
4.7 µf Capacitor, Tantalum
U1
HmC753lp4e Amplifier
pCB [2]
122824 evaluation pCB [3]
[1] reference this number when ordering complete evaluation pCB
[2] Circuit Board material: rogers 4350 or Arlon 25fr
List of Materials for Evaluation PCB 122826 [1]
The circuit board used in this application should use
rf circuit design techniques. signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation board should be mounted to an appro-
priate heat sink. The evaluation circuit board shown
is available from Hittite upon request.
Evaluation PCB


Similar Part No. - HMC753LP4E_11

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC753LP4ETR AD-HMC753LP4ETR Datasheet
429Kb / 14P
   Point to point radios
HMC753LP4ETR AD-HMC753LP4ETR Datasheet
282Kb / 13P
   MMIC Low Noise Amplifier
More results

Similar Description - HMC753LP4E_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC753LP4 HITTITE-HMC753LP4_09 Datasheet
256Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
HMC753LP4E HITTITE-HMC753LP4E Datasheet
256Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 11 GHz
HMC-ALH444 HITTITE-HMC-ALH444_10 Datasheet
197Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
HMC-ALH444 HITTITE-HMC-ALH444 Datasheet
129Kb / 3P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER, 1 - 12 GHz
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
   GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com