Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC750LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC750LP4E
Description  12.5 Gbps LIMITING AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC750LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC750LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC750LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC750LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC750LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC750LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC750LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC750LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC750LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC750LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 1
HMC750LP4 / 750LP4E
v03.0111
Functional Diagram
Electrical Specifications, T
A = +25° C, Vcc = +5V, VC1 = +2.5V
the HmC750lp4(e) is ideal for:
• OC-192 receivers
• 10 gbps ethernet receivers
• 10 gbps fiber Channel receivers
• Broadband test & measurement
supports Data rates up to 12.5 gbps
Differential gain: 44 dB
2mV p-p input sensitivity
3 dB Bandwidth: 11 gHz
integrated DC Offset Correction
adjustable Differential saturated
O/p Voltage swing up to 880 mVp-p
single +5V power supply
Very low rms Jitter Degradation
24 lead plastic 4x4mm smt package: 16mm²
HmC750lp4e is a limiting amplifier designed to sup-
port data transmission rates up to 12.5 gbps. the
amplifier can operate over a wide range of input voltage
levels and provides constant-level differential output
swing. HmC750lp4e also features an output level
control pin, VC1, which allows for loss compensation
or for signal level optimization. Differential output
signal swing can be adjustable up to 880 mVp-p.
input signals higher than 3mV p-p can be amplified to
saturated 880mV p-p differential signal.
all single-ended input signals to the HmC750lp4e
are terminated with 50 ohms to +5V on-chip, and
may be either aC or DC coupled. the outputs of the
HmC750lp4e may be operated either differentially
or single-ended. Outputs can be connected directly
to a 50 ohm terminated system referenced to +5V,
while DC blocking capacitors may be used if the
terminating system is 50 ohms to a non +5V voltage.
the HmC750lp4e operates from a single + 5V DC
supply and is available in a plastic roHs compliant
4x4 mm smt package.
parameter
Conditions
min.
typ.
max.
Units
Power Supply Voltage
4.6
5
5.4
V
power supply Current
VC1 = 2.5V
106
122
ma
maximum Data rate
12.5
gbps
Differential small signal gain
VC1 = 2.5V
44
dB
small signal Bandwidth
3-dB Cutoff
11
gHz
Deterministic Jitter [1]
Vin = 20 mV peak to peak
5
ps p-p
additive random Jitter [2]
Vin = 200 mV peak to peak
0.2
ps rms
Typical Applications
Features
General Description
12.5 Gbps LIMITING AMPLIFIER


Similar Part No. - HMC750LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC750LP4E HITTITE-HMC750LP4E Datasheet
395Kb / 10P
   12.5 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC750LP4E AD-HMC750LP4E Datasheet
2Mb / 10P
   12.5 Gbps LIMITING AMPLIFIER
v03.0111
More results

Similar Description - HMC750LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC750LP4 HITTITE-HMC750LP4 Datasheet
395Kb / 10P
   12.5 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC750LP4 AD-HMC750LP4 Datasheet
2Mb / 10P
   12.5 Gbps LIMITING AMPLIFIER
v03.0111
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
logo
Texas Instruments
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC866LC3C HITTITE-HMC866LC3C_09 Datasheet
444Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC865LC3 AD-HMC865LC3 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
v01.0614
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com