Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC745LC3C Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC745LC3C
Description  13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC745LC3C Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC745LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 1
The HMC745LC3C is a XOR/XNOR gate function
designed to support data transmission rates of up to 13
Gbps, and clock frequencies as high as 13 GHz. The
HMC745LC3C also features an output level control pin,
VR, which allows for loss compensation or for signal
level optimization.
All input and output signals to the HMC745LC3C are
terminated with 50 Ohms to Vcc on-chip, and may
be either AC or DC coupled. Inputs or outputs can
be connected directly to a 50 Ohm to Vcc terminated
system, while DC blocking capacitors may be used
if the terminating system is 50 Ohms to ground. The
HMC745LC3C operates from a single +3.3V DC supply,
and is available in a ceramic RoHS compliant 3x3 mm
SMT package.
General Description
HMC745LC3C
Features
Functional Diagram
Inputs Terminated Internally in 50 Ohms
Differential & Singe-Ended Operation
Fast Rise and Fall Times: 21 / 19 ps
Low Power Consumption: 240 mW typ.
Programmable Differential
Output Voltage Swing: 600 - 1200 mV
Propagation Delay: 95 ps
Single Supply: +3.3V
16 Lead Ceramic 3x3mm SMT Package: 9mm2
Typical Applications
The HMC745LC3C is ideal for:
• RF ATE Applications
• Broadband Test & Measurement
• Serial Data Transmission up to 13 Gbps
• Digital Logic Systems up to 13 GHz
Electrical Specifications, TA = +25 °C, Vcc = +3.3V
Parameter
Conditions
Min.
Typ.
Max
Units
Power Supply Voltage
3.0
3.3
3.6
V
Power Supply Current
72
mA
Maximum Data Rate
13
Gbps
Maximum Clock Rate
13
GHz
Input High Voltage
2.8
3.8
V
Input Low Voltage
2.1
3.3
V
Input Return Loss
Frequency <13 GHz
10
dB
Output Amplitude
Single-Ended, peak-to-peak
550
mVp-p
Differential, peak-to-peak
1100
mVp-p
Output High Voltage
3.25
V
Output Low Voltage
2
V
Output Rise / Fall Time
Differential, 20% - 80%
21 / 19
ps
13 Gbps, FAST RISE TIME XOR / XNOR GATE
w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
v03.1010


Similar Part No. - HMC745LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results

Similar Description - HMC745LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC745LC3 HITTITE-HMC745LC3_11 Datasheet
563Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LP3E HITTITE-HMC721LP3E Datasheet
384Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE
HMC746LC3C HITTITE-HMC746LC3C Datasheet
263Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC746LC3C HITTITE-HMC746LC3C_10 Datasheet
696Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC747LC3C HITTITE-HMC747LC3C Datasheet
277Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com