Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC743LP6CE Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC743LP6CE
Description  0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC743LP6CE Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC743LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 12Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 13Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
12 - 10
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Serial Control Interface
The HMC743LP6C(E) contains a 3-wire SPI compatible digital interface (SERIN, CLK, LEA (or LEB)) that is used to
control the input and output gain control elements (digital attenuators). The input (IN) and output (OUT) attenuators
can be individually controlled thru the latch enable pins. The LEA pin latches the serial 6-bit control word to the output
attenuator. The LEB pin latches the serial 6-bit control word to the input attenuator.
The 6-bit serial word can be loaded either MSB first or LSB first depending on the state of the BO (bit order) pin.
Setting BO to high configures the serial controller to operate in LSB first mode. Setting BO to low configures the serial
controller to operate in MSB first mode.
When LEA or LEB (or both) is raised to a logic high, 6-bit data in the serial input register is transferred to the input
attenuator or the output attenuator (or both). While either LEA or LEB are high, CLK signal must be masked or stopped
to prevent data transition during output loading.
Parameter
Typ.
Min. serial period, t
SCK
100 ns
Control set-up time, t
Cs
20 ns
Control hold-time, t
CH
20 ns
LE setup-time, t
ln
10 ns
Min. LE pulse width, t
LEW
10 ns
Min LE pulse spacing, t
les
630 ns
Serial clock hold-time from LE, t
CKN
10 ns
HMC743LP6C / 743LP6CE
v04.0311
0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 4 GHz
PUP Truth Table
le
(A and B)
pUp1
pUp2
Gain Relative to Max Setting
0
0
0
-63 db
0
1
1
0 db
Power-Up States
The HMC743LP6C offers two different power up
states, either full attenuation or maximum gain mode.
See truth table.
Power-On Sequence
The ideal power-up sequence is: GND, Vdd, digital
inputs, RF inputs. The relative order of the digital
inputs are not important as long as they are powered
after Vdd / GND
Timing Diagram
Timing diagram is used for either input or output digital
gain control. Control word is shown with MSB first (BO
= Low) configuration.


Similar Part No. - HMC743LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC743LP6CE HITTITE-HMC743LP6CE Datasheet
582Kb / 14P
   0.5 dB LSB GaAs MMIC 12-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
More results

Similar Description - HMC743LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com