Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC743LP6CE Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC743LP6CE
Description  0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC743LP6CE Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC743LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 12Page - Hittite Microwave Corporation HMC743LP6CE Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
12 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC743LP6C / 743LP6CE
v04.0311
0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 4 GHz
Output Attenuator Bit Error vs. Frequency
(Major States)
Output Attenuator Relative Phase vs.
Frequency (Major States)
Output Attenuator Bit Error vs.
Attenuation State (Major Frequencies)
0.7 to 4.0 GHz Tuning
-2
-1
0
1
2
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5dB
0.5, 1, 2, 4, 8, 16dB
-1
0
1
2
3
0
8
16
24
32
40
48
56
64
RELATIVE GAIN STATE (dB)
1.0, 4.0GHz
2.0, 3.0GHz
-40
-20
0
20
40
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31.5dB
16dB
8dB
0.5, 1, 2, 4dB


Similar Part No. - HMC743LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC743LP6CE HITTITE-HMC743LP6CE Datasheet
582Kb / 14P
   0.5 dB LSB GaAs MMIC 12-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
More results

Similar Description - HMC743LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com