Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC741ST89E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC741ST89E
Description  InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 ??3 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC741ST89E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC741ST89E Datasheet HTML 1Page - Hittite Microwave Corporation HMC741ST89E Datasheet HTML 2Page - Hittite Microwave Corporation HMC741ST89E Datasheet HTML 3Page - Hittite Microwave Corporation HMC741ST89E Datasheet HTML 4Page - Hittite Microwave Corporation HMC741ST89E Datasheet HTML 5Page - Hittite Microwave Corporation HMC741ST89E Datasheet HTML 6Page - Hittite Microwave Corporation HMC741ST89E Datasheet HTML 7Page - Hittite Microwave Corporation HMC741ST89E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 4
HMC741ST89E
v02.0710
InGaP HBT ACTIVE BIAS
MMIC AMPLIFIER, 0.05 – 3 GHz
Output Return Loss vs. Vcc
Noise Figure vs. Vcc
Reverse Isolation vs. Vcc
Noise Figure vs. Temperature
Reverse Isolation vs. Temperature
Output IP3 vs. Temperature
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
4.5V
5.0V
5.5V
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
+25C
+85C
-40C
FREQUENCY (GHz)
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1
1.5
2
2.5
3
+25C
+85C
-40C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
0
0.5
1
1.5
2
2.5
3
4.5V
5.0V
5.5V
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
4.5V
5.0V
5.5V
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
0
0.5
1
1.5
2
2.5
3
+25C
+85C
-40C
FREQUENCY (GHz)


Similar Part No. - HMC741ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC741ST89E HITTITE-HMC741ST89E Datasheet
539Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 - 3 GHz
HMC741ST89E HITTITE-HMC741ST89E Datasheet
539Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 - 3 GHz
logo
Analog Devices
HMC741ST89E AD-HMC741ST89E Datasheet
850Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER
More results

Similar Description - HMC741ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC740ST89E HITTITE-HMC740ST89E_10 Datasheet
1Mb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 ??3 GHz
HMC740ST89E HITTITE-HMC740ST89E Datasheet
523Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 - 3 GHz
HMC740ST89 HITTITE-HMC740ST89_09 Datasheet
523Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 - 3 GHz
HMC741ST89E HITTITE-HMC741ST89E Datasheet
539Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 - 3 GHz
HMC741ST89 HITTITE-HMC741ST89_09 Datasheet
539Kb / 8P
   InGaP HBT ACTIVE BIAS MMIC AMPLIFIER, 0.05 - 3 GHz
logo
SIRENZA MICRODEVICES
SBB-4089Z SIRENZA-SBB-4089Z Datasheet
156Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP HBT MMIC Amplifier
SBB-5089Z SIRENZA-SBB-5089Z Datasheet
144Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP HBT MMIC Amplifier
SBB-5089 SIRENZA-SBB-5089 Datasheet
133Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBB-5089Z ETC1-SBB-5089Z Datasheet
143Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBB-4089 SIRENZA-SBB-4089 Datasheet
379Kb / 6P
   0.05-6 GHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com