Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2190 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SK2190
Description  VX-2 Series Power MOSFET(500V 10A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SK2190 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  2SK2190 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SK2190 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SK2190 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SK2190 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SK2190 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SK2190 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SK2190 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SK2190 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SK2190 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
2SK2190( FP10W50VX2 )
VX-2 Series Power MOSFET
●Electrical Characteristics Tc = 25℃
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
V(BR)DSS ID = 1mA, VGS = 0V
500
V
Zero Gate Voltage Drain Current
IDSS
VDS = 500V, VGS = 0V
250
μA
Gate-Source Leakage Current
IGSS
VGS = ±30V, VDS = 0V
±0.1
Forward Transconductance
gfs
ID = 5A, VDS = 10V
2.4
6.3
S
Static Drain-Source On-state Resistance
RDS(ON) ID = 5A, VGS = 10V
0.8
1.0
Ω
Gate Threshold Voltage
VTH
ID = 1mA, VDS = 10V
2.5
3.0
3.5
V
Source-Drain Diode Forwade Voltage
VSD
IS = 5A, VGS = 0V
1.5
Thermal Resistance
θjc
junction to case
3.12 ℃/W
Total Gate Charge
Qg
VDD = 400V, VGS = 10V, ID = 10A
30
nC
Input Capacitance
Ciss
890
Reverse Transfer Capacitance
Crss
VDS = 10V, VGS = 0V, f = 1MHZ
70
pF
Output Capacitance
Coss
200
Turn-On Time
ton
ID = 5A, VGS = 10V, RL = 30Ω
70
110ns
Turn-Off Time
toff
140
220


Similar Part No. - 2SK2190

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2190 ISC-2SK2190 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2190

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SK2186 SHINDENGEN-2SK2186 Datasheet
396Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2187 SHINDENGEN-2SK2187 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2188 SHINDENGEN-2SK2188 Datasheet
399Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2189 SHINDENGEN-2SK2189 Datasheet
385Kb / 10P
   VX-2 Series Power MOSFET(500V 10A)
2SK2196 SHINDENGEN-2SK2196 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2182 SHINDENGEN-2SK2182 Datasheet
409Kb / 10P
   VX-2 Series Power MOSFET(500V 3A)
2SK2184 SHINDENGEN-2SK2184 Datasheet
403Kb / 10P
   VX-2 Series Power MOSFET(500V 5A)
2SK2197 SHINDENGEN-2SK2197 Datasheet
394Kb / 10P
   VX-2 Series Power MOSFET(500V 20A)
2SK2179 SHINDENGEN-2SK2179 Datasheet
271Kb / 6P
   VX-2 Series Power MOSFET(500V 3A)
2SK2181 SHINDENGEN-2SK2181 Datasheet
273Kb / 6P
   VX-2 Series Power MOSFET(500V 3A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com