Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDL-IDM Datasheet(PDF) 7 Page - Texas Instruments

Part # MDL-IDM
Description  Ethernet-Enabled Intelligent Display Modules (IDMs)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MDL-IDM Datasheet(HTML) 7 Page - Texas Instruments

  MDL-IDM Datasheet HTML 1Page - Texas Instruments MDL-IDM Datasheet HTML 2Page - Texas Instruments MDL-IDM Datasheet HTML 3Page - Texas Instruments MDL-IDM Datasheet HTML 4Page - Texas Instruments MDL-IDM Datasheet HTML 5Page - Texas Instruments MDL-IDM Datasheet HTML 6Page - Texas Instruments MDL-IDM Datasheet HTML 7Page - Texas Instruments MDL-IDM Datasheet HTML 8Page - Texas Instruments MDL-IDM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Ethernet-Enabled Intelligent Display Modules (IDMs)
7
BOARD
DA T A
SHEET
– Includes plugs for US, UK, Europe, and Australia
Ethernet cable
Debug adapter
– Fine pitch to 0.1” standard header
Documentation and source code CD
The RDK-IDM Reference Design Kit can be used for developing applications for both
PoE-equipped and non-PoE-equipped IDM applications.
Mechanical Installation
The MDL-IDM and MDL-IDM28 mount to a front panel mounting using four screws and
appropriate stand-offs.
Figure 5. Wiring Diagram
LUMINARY MICRO
2.85
2.58
2.58
0.25
0.625
0.06
1.97
2.28
1.81
2.35
0.20
Ø 0.125
0.53
Extent of IDM
components
Standoffs installed
in RDK version only
Reset switch location


Similar Part No. - MDL-IDM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
Texas Instruments
MDL-IDM-L35 TI-MDL-IDM-L35 Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
logo
List of Unclassifed Man...
MDL-IDM-L35-B ETC2-MDL-IDM-L35-B Datasheet
347Kb / 8P
   Intelligent Display Module with
logo
Texas Instruments
MDL-IDM-L35-B TI-MDL-IDM-L35-B Datasheet
441Kb / 8P
[Old version datasheet]   Intelligent Display Module with 3.5" Landscape Display
More results

Similar Description - MDL-IDM

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4501 ADVANTECH-ADAM-4501 Datasheet
554Kb / 1P
   Ethernet-enabled Communication Controller
logo
Texas Instruments
TPS65180 TI1-TPS65180_16 Datasheet
1Mb / 54P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Systemsensor advanced i...
M502M SYSTEMSENSOR-M502M Datasheet
394Kb / 2P
   Intelligent Modules
logo
Texas Instruments
TPS65182 TI1-TPS65182_16 Datasheet
1Mb / 32P
[Old version datasheet]   Enabled Electronic Paper Display
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com