Part Name
         Description
2SK2189

 VX-2 Series Power MOSFET(500V 10A) ( 10 Page)


SHINDENGEN
100% 
Zoom Out Zoom In
 
 3 page
background image
0
5
10
15
20
0
5
10
15
20
2SK2189
Transfer Characteristics
VDS = 25V
pulse test
TYP
Tc =
−55°C
25
°C
100
°C
150
°C
Gate-Source Voltage VGS [V]



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK2799VX-2 Series Power MOSFET 350V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2186VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2187VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK1686HVX SERIES POWER MOSFET 900V 10A 1 2 List of Unclassifed Manufacturers
2SK2188VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
2SK2190VX-2 Series Power MOSFET 500V 10A 1 2 3 4 5 MoreShindengen Electric Mfg.Co.Ltd
BUZ45B10A 500V 0.500 Ohm N-Channel Power MOSFET 1 2 3 4 5 Intersil Corporation
HUF76609D310A 100V 0.165 Ohm N-Channel Logic Level UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FRM450D10A 500V 0.600 Ohm Rad Hard N-Channel Power MOSFETs 1 2 3 4 5 MoreIntersil Corporation
RFH10N4510A 450V and 500V 0.600 Ohm N-Channel Power MOSFETs 1 2 3 4 Intersil Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl