Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL60P Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # LL60P
Description  500 mW Surface Mount LL-34 Hermetically Sealed Glass Small Signal Schottky Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

LL60P Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  LL60P Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd LL60P Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd LL60P Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number:DB-148
Jan. 2011/ B
Page 2
S EM IC OND UC TOR
TAK CHEONG
®
Package Outline
Package
Case Outline
LL34
LL-34
Millimeters
Inches
DIM
Min
Max
Min
Max
A
3.30
3.60
0.130
0.142
B
1.40
1.50
0.055
0.059
C
0.35
0.50
0.014
0.020
Notes:
1.
All dimensions are within DO213AC JEDEC standard.
2.
LL-34 polarity denoted by cathode band.
B
C
A


Similar Part No. - LL60P

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
LL60P WEITRON-LL60P Datasheet
185Kb / 3P
   Schottky Barrier Diodes
logo
Shanghai Yint Electroni...
LL60P YINT-LL60P Datasheet
296Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
LL60P JINANJINGHENG-LL60P Datasheet
97Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
SHIKUES Electronics
LL60P SKTECHNOLGY-LL60P Datasheet
376Kb / 2P
   Silicon Schottky Barrier Diode
logo
Micro Commercial Compon...
LL60P MCC-LL60P Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
More results

Similar Description - LL60P

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
LLBAT42 TAK_CHEONG-LLBAT42 Datasheet
79Kb / 3P
   200 mW Surface Mount LL-34 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLL4148 TAK_CHEONG-TCLL4148_11 Datasheet
431Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LL4148 YEASHIN-LL4148 Datasheet
801Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Leshan Radio Company
LL4148 LRC-LL4148 Datasheet
427Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com