Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

718LP4E Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # 718LP4E
Description  GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

718LP4E Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button 718LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 9Page - Hittite Microwave Corporation 718LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 10
Evaluation PCB
item
Description
J1 - J3
pCB mount smA Connector
J4 - J5
2mm Vertical molex Connector
C1, C8, C12
220 pf Capacitor, 0402 pkg.
C3
10 nf Capacitor, 0402 pkg.
C4, C11
10 nf Capacitor, 0603 pkg.
C5, C13
1000 pf Capacitor, 0603 pkg.
C10
4.7 uf Capacitor, 0805 pkg.
l1
15 nH inductor, 0402 pkg.
l2
18 nH inductor, 0603 pkg.
l4
47 nH inductor, 0603 pkg.
r1
rbias resistor, 0402 pkg.
r2, r3
0 ohm resistor, 0402 pkg.
U1
HmC718lp4(e) Amplifier
pCB [2]
121126 evaluation pCB
[1] reference this number when ordering complete evaluation pCB
[2] Circuit Board material: Arlon 25fr
List of Materials for Evaluation PCB 121128 [1]
The circuit board used in this application should use
rf circuit design techniques. signal lines should
have 50 ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation board should be mounted to an appro-
priate heat sink. The evaluation circuit board shown
is available from Hittite upon request.
HMC718LP4 / 718LP4E
v01.1008
GaAs PHEMT MMIC HIGH IP3
LOW NOISE AMPLIFIER, 0.6 - 1.4 GHz


Similar Part No. - 718LP4E

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
718 GILWAY-718 Datasheet
143Kb / 2P
   T-1 Subminiature Lamps
logo
JMK Inc.
718 JMK-718 Datasheet
38Kb / 1P
   The 0716 & 0718 series filters provide excellent general filtering for Wye or Delta power configurations.
logo
List of Unclassifed Man...
718 ETC2-718 Datasheet
470Kb / 2P
   Wiha Quality Tools Toll Free: (800) 494-6104
logo
Enercon Technologies Eu...
718 ENERCON-718 Datasheet
692Kb / 2P
   Ultra Compact 8 x 1GbE Embedded Military Board Level Ethernet Switch
Jan 25, 2020
logo
Qualtek Electronics Cor...
718-10-28 QUALTEK-718-10-28 Datasheet
353Kb / 1P
   AC RECEPTACLE
More results

Similar Description - 718LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC465LP5 AD-HMC465LP5 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
HMC490LP5 AD-HMC490LP5 Datasheet
415Kb / 8P
   GaAs pHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER
logo
Hittite Microwave Corpo...
HMC490LP5 HITTITE-HMC490LP5_10 Datasheet
247Kb / 6P
   GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
HMC490 HITTITE-HMC490 Datasheet
217Kb / 8P
   GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC490LP5 HITTITE-HMC490LP5 Datasheet
272Kb / 6P
   GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
HMC490 HITTITE-HMC490_09 Datasheet
265Kb / 6P
   GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 17 GHz
HMC719LP4 HITTITE-HMC719LP4 Datasheet
1,022Kb / 10P
   GaAs PHEMT MMIC HIGH IP3 LOW NOISE AMPLIFIER, 1.3 - 2.9 GHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com