Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC711LC5_1005 Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part # HMC711LC5_1005
Description  GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC711LC5_1005 Datasheet(HTML) 11 Page - Hittite Microwave Corporation

Back Button HMC711LC5_1005 Datasheet HTML 6Page - Hittite Microwave Corporation HMC711LC5_1005 Datasheet HTML 7Page - Hittite Microwave Corporation HMC711LC5_1005 Datasheet HTML 8Page - Hittite Microwave Corporation HMC711LC5_1005 Datasheet HTML 9Page - Hittite Microwave Corporation HMC711LC5_1005 Datasheet HTML 10Page - Hittite Microwave Corporation HMC711LC5_1005 Datasheet HTML 11Page - Hittite Microwave Corporation HMC711LC5_1005 Datasheet HTML 12Page - Hittite Microwave Corporation HMC711LC5_1005 Datasheet HTML 13Page - Hittite Microwave Corporation HMC711LC5_1005 Datasheet HTML 14Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
9
9 - 11
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC711LC5
v01.0210
GaAs MMIC SUB-HARMONIC
UPCONVERTER, 17.7 - 23.6 GHz
Outline Drawing
NOTes:
1. PAcKAGe BODY mATeriAL: ALUmiNA
2. LeAD AND GrOUND PADDLe PLATiNG: 30 - 80 micrOiNcHes
GOLD Over 50 micrOiNcHes miNimUm NicKLe
3. DimeNsiONs Are iN iNcHes [miLLimeTers]
4. LeAD sPAciNG TOLerANce is NON-cUmULATive
5. PAcKAGe WArP sHALL NOT exceeD 0.05mm DATUm
6. ALL GrOUND LeADs AND GrOUND PADDLe mUsT Be sOLDereD
TO PcB rF GrOUND
Absolute Maximum Ratings
Drain Bias voltage (vdd1, 2, 3)
5.5v
Gate Bias voltage (vgg)
-2.0v
iF input Power
+17 dBm
LO Drive
+10 dBm
channel Temperature
175 °c
continuous Pdiss (T=85°c)
(derate 19.7 mW/°c above 85°c)
1.78 W
Thermal resistance (r
TH)
(channel to package bottom)
50.7 °c/W
storage Temperature
-65 to +150 °c
Operating Temperature
-40 to +85 °c
eLecTrOsTATic seNsiTive Device
OBserve HANDLiNG PrecAUTiONs


Similar Part No. - HMC711LC5_1005

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
   GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
More results

Similar Description - HMC711LC5_1005

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
   GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
   GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545 AVAGO-AMMP-6545_15 Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
logo
Hittite Microwave Corpo...
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3 Datasheet
341Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com