Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC709LC5 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC709LC5
Description  GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC709LC5 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC709LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC709LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC709LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC709LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC709LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC709LC5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9
9 - 3
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Output P1dB vs. Temperature
Output IP3 vs. Temperature [2]
Output IP3 vs. LO Drive [2]
MxN Spurious Outputs [1]
nLO
miF
0
1
2
3
4
0
xx
6
37
46
xx
1
62
0
45
65
xx
2
39
47
50
72
xx
3
74
50
73
77
xx
4
68
91
76
94
xx
iF = 1 GHz @ -8 dBm
LO = 14 GHz @ 6 dBm
Data taken without iF hybrid
All values in dBc below rF power level (-1iF + 1LO)
HMC709LC5
v04.0110
GaAs MMIC I/Q UPCONVERTER
11 - 17 GHz
25
26
27
28
29
30
11
12
13
14
15
16
17
+3 dBm
+6 dBm
+9 dBm
RF FREQUENCY (GHz)
25
26
27
28
29
30
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
18
19
20
21
22
23
11
12
13
14
15
16
17
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
Isolations [1]
-70
-60
-50
-40
-30
-20
-10
0
11
12
13
14
15
16
17
LO/RF
IF1/RF
LO/IF1
IF2/RF
LO/IF2
RF FREQUENCY (GHz)
LO Freq.
(GHz)
nLO spur @ iF Port
1
2
3
4
12
16
23
58
xx
13
15
31
50
xx
14
13
50
51
xx
15
10
37
xx
xx
16
10
44
xx
xx
17
11
54
xx
xx
18
14
68
xx
xx
19
16
51
xx
xx
Harmonics of LO
[1] Data taken without external iF hybrid
[2] Two tone input power = -8 dBm, 1 mHz spacing
Data Taken as SSB Upconverter with External IF Hybrid


Similar Part No. - HMC709LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC709LC5 HITTITE-HMC709LC5 Datasheet
240Kb / 6P
   GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
logo
Analog Devices
HMC709LC5 AD-HMC709LC5 Datasheet
373Kb / 6P
   Ku Band VSAT Upconverters
More results

Similar Description - HMC709LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC709LC5 HITTITE-HMC709LC5 Datasheet
240Kb / 6P
   GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
logo
Analog Devices
ADMV1011 AD-ADMV1011 Datasheet
607Kb / 26P
   17 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
logo
Hittite Microwave Corpo...
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
   GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
   GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
   GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
   GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC6787ALC5A HITTITE-HMC6787ALC5A Datasheet
1Mb / 18P
   GaAs MMIC I/Q UPCONVERTER 37 - 40 GHz
logo
Analog Devices
HMC6146BLC5A AD-HMC6146BLC5A Datasheet
1Mb / 12P
   GaAs MMIC I/Q UPCONVERTER 40 - 44 GHz
logo
Hittite Microwave Corpo...
HMC710LC5 HITTITE-HMC710LC5 Datasheet
287Kb / 8P
   GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com