Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC708LP5 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC708LP5
Description  0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC708LP5 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC708LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC708LP5 Datasheet HTML 10Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
12 - 6
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Serial Control Interface
HMC708LP5 / 708LP5E
v03.0409
0.5 dB LSB 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
20
24
28
32
36
40
44
0
4
8
12
16
20
24
28
32
Vdd=3V
Vdd=5V
ATTENUATION STATE (dB)
Pout=-5dBm
Pout=0dBm
Setup limit
Gain & Return Loss [1] [2]
Output IP3 vs. Attenuation @ 1900 MHz [1]
-20
-15
-10
-5
0
5
10
15
20
1.5 1.6
1.7 1.8 1.9
2
2.1 2.2 2.3
2.4 2.5
Vdd=3V
Vdd=5V
FREQUENCY (GHz)
S22
S21
S11
the HmC708lp5(e) contains a 3-wire spi compatible digital interface (serin, ClK, le). it is activated when p/s
is kept high. the 6-bit serial word must be loaded msb first. the positive-edge sensitive ClK and le requires
clean transitions. standard logic families work well. if mechanical switches were used, sufficient debouncing should
be provided. When le is high, 6-bit data in the serial input register is transferred to the attenuator. When le is high
ClK is masked to prevent data transition during output loading.
When p/s is low, 3-wire spi interface inputs (serin, ClK, le) are disabled and serial input register is loaded
asynchronously with parallel digital inputs (d0-d5). When le is high, 6-bit parallel data is transferred to the attenuator.
for all modes of operations, attenuation state will stay constant while le is kept low.
[1] see application Circuit [2] maximum gain state with digital attenuator set to minimum attenuation
Option 2 [1] : 6-Bit DAT + Amp2 only


Similar Part No. - HMC708LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC708LP5 HITTITE-HMC708LP5 Datasheet
605Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC708LP5E HITTITE-HMC708LP5E Datasheet
605Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
More results

Similar Description - HMC708LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC708LP5 HITTITE-HMC708LP5 Datasheet
605Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC707LP5 HITTITE-HMC707LP5_10 Datasheet
989Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
HMC926LP5E HITTITE-HMC926LP5E Datasheet
1Mb / 18P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
HMC707LP5 HITTITE-HMC707LP5 Datasheet
585Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com