Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY898535LKY Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY898535LKY
Description  Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY898535LKY Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY898535LKY Datasheet HTML 1Page - Micrel Semiconductor SY898535LKY Datasheet HTML 2Page - Micrel Semiconductor SY898535LKY Datasheet HTML 3Page - Micrel Semiconductor SY898535LKY Datasheet HTML 4Page - Micrel Semiconductor SY898535LKY Datasheet HTML 5Page - Micrel Semiconductor SY898535LKY Datasheet HTML 6Page - Micrel Semiconductor SY898535LKY Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SY898535L
Precision Differential 3.3V, Low Skew, 1:4
LVCMOS/LVTTL -to-LVPECL Fanout Buffer
Precision Edge is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The SY898535L is a 3.3V, low skew, 1:4 LVCMOS/LVTTL-
to-LVPECL fanout buffer with two selectable single ended
clock inputs. The CLK0 and CLK1 accept LVCMOS or
LVTTL input levels and translate them to 3.3V LVPECL
levels. To eliminate runt pulses on the outputs during
asynchronous assertion/de-assertion of the clock enable
pin, the clock enable is synchronized with the input signal.
The SY898535L operates from a 3.3V ±5% supply and is
guaranteed over the full industrial temperature range of
–40°C to +85°C. The SY898535L is part of Micrel’s high-
speed, Precision Edge
® product line.
Datasheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Functional Block Diagram
Features
• Provides four differential 3.3V LVPECL copies
• Selects between single-ended CLK0 or CLK1 input
• CLK0 and CLK1 accept LVCMOS or LVTTL input levels
• Guaranteed AC performance over temperature and
supply voltage:
235MHz Maximum output frequency
<1.9ns Propagation delay (In-to-Q)
<30ps Output skew
<250ps Part-to-part skew
Additive phase jitter, RMS: 0.09ps (typical)
• 3.3V ±5% supply voltage
• –40°C to +85°C industrial temperature operating range
• Available in a 20-pin TSSOP package
Applications
• Gigabit Ethernet
• 10Gigabit Ethernet
• SONET/SDH
• PCI
Markets
• LAN/WAN
• Enterprise servers
• ATE
• Test and measurement
June 2011
M9999-062211-B
hbwhelp@micrel.com or (408) 955-1690


Similar Part No. - SY898535LKY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY898535XL MICREL-SY898535XL Datasheet
272Kb / 7P
   Precision Differential 3.3V, Low Skew
SY898535XLKYTR MICREL-SY898535XLKYTR Datasheet
272Kb / 7P
   Precision Differential 3.3V, Low Skew
More results

Similar Description - SY898535LKY

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
PI6C48535-01B PERICOM-PI6C48535-01B Datasheet
575Kb / 6P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS8535BI-01 IDT-ICS8535BI-01 Datasheet
368Kb / 16P
   LOW SKEW, 1-to-4 LVCMOS/LVTTL-TO- 3.3V LVPECL FANOUT BUFFER
ICS8535I-01 IDT-ICS8535I-01 Datasheet
235Kb / 16P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535-01 RENESAS-ICS8535-01 Datasheet
861Kb / 19P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01_11 Datasheet
400Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS8535I-01 RENESAS-ICS8535I-01 Datasheet
495Kb / 17P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-3.3V LVPECL Fanout Buffer
2019
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01 Datasheet
409Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8535-21 ICST-ICS8535-21 Datasheet
226Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO-3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com