Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

700LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 700LP4E
Description  8 GHz 16-Bit Fractional-N PLL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

700LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  700LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 700LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 700LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 700LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 700LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 700LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 700LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 700LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 700LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 1
HMC701LP6CE
v07.0411
8 GHz 16-Bit Fractional-n Pll
Features
Functional Diagram
• Fractional or integer Modes
• 8 GHz, 16-Bit rF n-counter
• 24-Bit Step Size resolution, 3 Hz typ
• Ultra Low Phase noise 6 GHz, 50 MHz ref.
-103 / -110 dBc/Hz @ 20 kHz (Frac / integer)
• reference Path input: 200 MHz
• 14-Bit reference Path Divider
• Low Fractional Spurious
• reference spurs: -90 dBc typ
• auto and triggered Sweeper Functions
• cycle Slip Prevention (cSP) for fast settling
• auxiliary clock Source
• 40 Lead 6x6 mm SMt Package: 36 mm²
typical applications
• Base Stations for Mobile radio
(GSM, PcS, DcS, cDMa, WcDMa)
• Wireless Lans, WiMax
• communications test Equipment
• catV Equipment
• FMcW Sensors
• automotive radar
• Phased-array Systems


Similar Part No. - 700LP4E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
700 MICROSEMI-700 Datasheet
82Kb / 2P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 2.5 AMP, STANDARD AND FAST RECOVERY
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
Honeywell Solid State E...
700 HONEYWELL-700 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
List of Unclassifed Man...
700 ETC2-700 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
   RC Terminator Networks
More results

Similar Description - 700LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC700LP4 AD-HMC700LP4 Datasheet
980Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
   14 GHz 16-BIT FRACTIONAL-N PLL
logo
Analog Devices
HMC702LP6CE AD-HMC702LP6CE Datasheet
1Mb / 38P
   14 GHz 16-BIT FRACTIONAL-N PLL
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
   8 GHz 16-Bit Fractional-N Synthesizer
HMC701LP6C HITTITE-HMC701LP6C_10 Datasheet
1Mb / 46P
   8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
   14 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
   14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com