Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC700LP4 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC700LP4
Description  8 GHz 16-Bit Fractional-N PLL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC700LP4 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC700LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC700LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC700LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC700LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC700LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC700LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC700LP4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC700LP4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC700LP4 Datasheet HTML 12Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 8
HMC701LP6CE
v07.0411
8 GHz 16-Bit Fractional-n Pll
Sine reference input
the crystal reference sine input stage is shown in Figure 2. this is the lowest noise reference path. this is a common
emitter single ended bipolar buffer. the XSin input pin is Dc coupled and has about 950 mV bias on it. Expected
input is a 0 dBm sinusoid from a 50 ohm source. normally the input should be ac coupled externally. the sine buffer
input impedance is dominated by a 25 ohm shunt resistor in series with a 50 pF on chip cap. Should a lower input
impedance be needed, an external 50 ohm shunt resistor can be used, Dc isolated by an external bypass cap. the
sine input reference path phase noise floor is approximately equivalent to -159 dBc/Hz. For best performance care
should be taken to provide a crystal reference source with equivalent or better phase noise floor.
Figure 2. Ref Sine Input
Square Wave reference input
the square wave ref input stage is shown in Figure 3. the stage is designed to accept square wave inputs from cML
to cMoS levels. Slightly degraded phase noise performance may be obtained with quasi sine 1 Vpp inputs. it may be
necessary to attenuate very large cMoS levels if absolute best in close phase noise performance is required. input
reference should have a noise floor better than -160 dBc/Hz to avoid degradation of the input reference path.
Figure 3. Square Wave Ref Input Stage


Similar Part No. - HMC700LP4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC700LP4 AD-HMC700LP4 Datasheet
980Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
HMC700LP4E AD-HMC700LP4E Datasheet
980Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
More results

Similar Description - HMC700LP4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC700LP4 AD-HMC700LP4 Datasheet
980Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
   14 GHz 16-BIT FRACTIONAL-N PLL
logo
Analog Devices
HMC702LP6CE AD-HMC702LP6CE Datasheet
1Mb / 38P
   14 GHz 16-BIT FRACTIONAL-N PLL
HMC704LP4E AD-HMC704LP4E Datasheet
1Mb / 44P
   8 GHZ FRACTIONAL-N PLL
logo
Hittite Microwave Corpo...
HMC704LP4E HITTITE-HMC704LP4E Datasheet
2Mb / 44P
   8 GHz fractionaL-N PLL
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
   8 GHz 16-Bit Fractional-N Synthesizer
HMC701LP6C HITTITE-HMC701LP6C_10 Datasheet
1Mb / 46P
   8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
   14 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
   14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
logo
Analog Devices
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com