Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1408D650HN Datasheet(PDF) 6 Page - NXP Semiconductors

Part # DAC1408D650HN
Description  Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1408D650HN Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button DAC1408D650HN Datasheet HTML 2Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 3Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 4Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 5Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 6Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 7Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 8Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 9Page - NXP Semiconductors DAC1408D650HN Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
DAC1408D650
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 26 November 2010
6 of 98
NXP Semiconductors
DAC1408D650
2
, 4 or 8 interpolating DAC with JESD204A
[1]
P: power supply; G: ground; I: input; O: output.
[2]
H = heatsink (exposed die pad to be soldered to GND. A minimum of 81 thermal vias are required).
7.
Limiting values
8.
Thermal characteristics
[1]
Complies with JEDEC test board, in free air.
VIN_N0
52
I
serial interface lane 0 negative input
VIN_P0
53
I
serial interface lane 0 positive input
VDDD(1V8)
54
P
digital supply voltage 1.8 V
VIN_P1
55
I
serial interface lane 1 positive input
VIN_N1
56
I
serial interface lane 1 negative input
VIN_N2
57
I
serial interface lane 2 negative input
VIN_P2
58
I
serial interface lane 2 positive input
VDDD(1V8)
59
P
digital supply voltage 1.8 V
VIN_P3
60
I
serial interface lane 3 positive input
VIN_N3
61
I
serial interface lane 3 negative input
n.c.
62
-
not connected
n.c.
63
-
not connected
JTAG
64
I
JTAG test mode select (must be grounded)
GND
H[2]
G
ground
Table 2.
Pin description …continued
Symbol
Pin
Type[1]
Description
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA(3V3)
analog supply voltage (3.3 V)
0.5
+4.6
V
VDDA(1V8)
analog supply voltage (1.8 V)
0.5
+2.5
V
VDDD
digital supply voltage
0.5
+2.5
V
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+85
C
Tj
junction temperature
40
+125
C
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
[1] 18.7
K/W
Rth(j-c)
thermal resistance from junction to case
[1] 6.7
K/W


Similar Part No. - DAC1408D650HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1408D650HN NXP-DAC1408D650HN Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Integrated Device Techn...
DAC1408D650HN IDT-DAC1408D650HN Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650HN RENESAS-DAC1408D650HN Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

Similar Description - DAC1408D650HN

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
   Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
   Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1208D650 RENESAS-DAC1208D650 Datasheet
633Kb / 96P
   Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1408D750 RENESAS-DAC1408D750 Datasheet
633Kb / 96P
   Dual 14-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
logo
Renesas Technology Corp
DAC1008D750 RENESAS-DAC1008D750 Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1208D750 RENESAS-DAC1208D750 Datasheet
730Kb / 96P
   Dual 12-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
logo
NXP Semiconductors
DAC1408D650 NXP-DAC1408D650 Datasheet
360Kb / 88P
   Dual 14-bit DAC, up to 650 Msps, 2쨈 and 4쨈 interpolating with JESD204A interface
Rev. 01-26 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com