Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC685LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC685LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC685LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC685LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC685LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 5
[1] Two-tone input power = +9 dBm each tone, 1 MHz spacing.
Conversion Gain vs. LO Drive
-20
-15
-10
-5
0
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
-6 dBm
-3 dBm
0 dBm
+3 dBm
RF FREQUENCY (GHz)
Input IP3 vs. LO Drive [1]
0
10
20
30
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
-6 dBm
-3 dBm
0 dBm
+3 dBm
RF FREQUENCY (GHz)
HMC685LP4 / 685LP4E
v04.0110
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 1.7 - 2.2 GHz
Low Power Consumption Performance
Typical Upconverter Performance
Input IP3 vs. Temperature, Icc = 70 mA [1]
20
25
30
35
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
Conversion Gain vs.
Temperature, Icc = 70 mA
-12
-11
-10
-9
-8
-7
-6
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
Icc vs. R9
60
70
80
90
100
110
120
130
250
300
350
400
450
500
550
600
R9 (Ohms)
Vcc1, 2, 3 = 5.0 V


Similar Part No. - HMC685LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4E HITTITE-HMC685LP4E Datasheet
371Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - HMC685LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com