Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC677LP5 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC677LP5
Description  6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC677LP5 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  HMC677LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC677LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5
5 - 8
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Evaluation PCB
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 119681 [1][3]
Item
Description
J1
18 Pin DC Connector
J2
12 Pin DC Connector
J3 - J6
DC Pin
C1, C3, C5
1000 pF Capacitor, 0402 Pkg.
C2, C4, C6
0.1 µF Capacitor, 0402 Pkg.
R1 - R12
39 kΩ Resistor, 0402 Pkg.
R13, R14, R17 - R26 100 kΩ Resistor, 0402 Pkg.
SW1, SW2
SPDT 4 Position DIP Switch
U1
HMC677LP5(E) 6-Bit Digital Level Shifter
PCB [2]
119679 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: FR4
[3] Please refer to part’s pin description and functional diagram for
pin out assignments on evaluation board.
HMC677LP5 / 677LP5E
v05.0810
6-Bit SERIAL/PARALLEL SWITCH
DRIVER/CONTROLLER


Similar Part No. - HMC677LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC677LP5 HITTITE-HMC677LP5 Datasheet
218Kb / 8P
   6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
HMC677LP5E HITTITE-HMC677LP5E Datasheet
218Kb / 8P
   6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
More results

Similar Description - HMC677LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC677G32 HITTITE-HMC677G32 Datasheet
871Kb / 8P
   6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
HMC677LP5 HITTITE-HMC677LP5 Datasheet
218Kb / 8P
   6-Bit SERIAL/PARALLEL SWITCH DRIVER/CONTROLLER
logo
M/A-COM Technology Solu...
MADR-010410 MA-COM-MADR-010410_15 Datasheet
618Kb / 8P
   Module Driver 6-bit Serial/Parallel, Transmit/Receive
logo
Renesas Technology Corp
F1950 RENESAS-F1950 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
logo
M/A-COM Technology Solu...
MADR-011007 MA-COM-MADR-011007_15 Datasheet
637Kb / 5P
   40-bit Serial to Parallel Driver
MAAD-000523 MA-COM-MAAD-000523_15 Datasheet
757Kb / 8P
   Digital Attenuator, 6-Bit, Serial / Parallel Control
MAAD-000523 MA-COM-MAAD-000523 Datasheet
226Kb / 7P
   Digital Attenuator, 6-Bit, Serial / Parallel Control
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com