Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC676LC3C Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC676LC3C
Description  10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC676LC3C Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC676LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC676LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC676LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC676LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC676LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC676LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC676LC3C Datasheet HTML 8Page - Hittite Microwave Corporation HMC676LC3C Datasheet HTML 9Page - Hittite Microwave Corporation HMC676LC3C Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
1 - 8
Evaluation PCB
Front Side
Back Side
HMC676LC3C
v07.0811
10 GHz LATCHED COMPARATOR
WITH RSECL OUTPUT STAGE


Similar Part No. - HMC676LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC676LP3E HITTITE-HMC676LP3E Datasheet
593Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
593Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
More results

Similar Description - HMC676LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
logo
Analog Devices
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LC3C AD-HMC675LC3C Datasheet
561Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
HMC674LP3E HITTITE-HMC674LP3E Datasheet
492Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
HMC675LP3E_1109 HITTITE-HMC675LP3E_1109 Datasheet
509Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LC3C HITTITE-HMC675LC3C Datasheet
482Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC876LC3C HITTITE-HMC876LC3C_1 Datasheet
313Kb / 8P
   20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com