Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC674LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC674LP3E
Description  10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC674LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC674LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1 - 3
1
HMC674LP3E
v01.0811
10 GHz LATCHED COMPARATOR
WITH RSPECL OUTPUT STAGE
Dispersion vs. Overdrive Voltage
Propagation Delay vs. Common Mode
Output Voltage vs. Temperature
Eye Diagram
Comparator Hysteresis
vs. Rhys Control Resistor
-1
1
3
5
7
9
11
0
10
20
30
40
50
60
70
80
90
100
Rising Edge
Falling Edge
OVERDRIVE VOLTAGE (mV)
-5
-2.5
0
2.5
5
7.5
10
12.5
15
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Rising Edge
Falling Edge
COMMON MODE VOLTAGE (mV)
1.8
2
2.2
2.4
2.6
2.8
-45
-32
-19
-6
7
20
33
46
59
72
85
VOH
VOL
TEMPERATURE (C)
0
5
10
15
100
1000
10000
RESISTANCE (Ohm)


Similar Part No. - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC674LP3E AD-HMC674LP3E Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
HMC674LP3ETR AD-HMC674LP3ETR Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
More results

Similar Description - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
logo
Analog Devices
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
logo
Analog Devices
HMC675LC3C AD-HMC675LC3C Datasheet
561Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC675LP3E_1109 HITTITE-HMC675LP3E_1109 Datasheet
509Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LC3C HITTITE-HMC675LC3C Datasheet
482Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LC3C HITTITE-HMC676LC3C Datasheet
550Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC874LC3C HITTITE-HMC874LC3C_1 Datasheet
316Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com