Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC674LC3C Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC674LC3C
Description  10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC674LC3C Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC674LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 8Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1 - 3
1
HMC674LC3C
v08.0811
10 GHz LATCHED COMPARATOR
WITH RSPECL OUTPUT STAGE
Dispersion vs. Overdrive Voltage
Propagation Delay vs. Common Mode
Output Voltage vs. Temperature
-1
1
3
5
7
9
11
0
10
20
30
40
50
60
70
80
90
100
Rising Edge
Falling Edge
OVERDRIVE VOLTAGE (mV)
-5
-2.5
0
2.5
5
7.5
10
12.5
15
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
Rising Edge
Falling Edge
COMMON MODE VOLTAGE (mV)
1.8
2
2.2
2.4
2.6
2.8
-45
-32
-19
-6
7
20
33
46
59
72
85
VOH
VOL
TEMPERATURE (C)
Eye Diagram
Comparator Hysteresis
vs. Rhys Control Resistor
0
5
10
15
100
1000
10000
RESISTANCE (Ohm)


Similar Part No. - HMC674LC3C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC674LC3C AD-HMC674LC3C Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
HMC674LC3CTR AD-HMC674LC3CTR Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
HMC674LC3CTR-R5 AD-HMC674LC3CTR-R5 Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
More results

Similar Description - HMC674LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC674LP3E HITTITE-HMC674LP3E Datasheet
492Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
logo
Analog Devices
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
logo
Analog Devices
HMC675LC3C AD-HMC675LC3C Datasheet
561Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC675LP3E_1109 HITTITE-HMC675LP3E_1109 Datasheet
509Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LC3C HITTITE-HMC675LC3C Datasheet
482Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LC3C HITTITE-HMC676LC3C Datasheet
550Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC874LC3C HITTITE-HMC874LC3C_1 Datasheet
316Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com