Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC668LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC668LP3
Description  GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC668LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC668LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC668LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 2
LNA - Gain vs. Temperature [1]
LNA - Broadband Gain & Return Loss
LNA - Gain vs. Temperature [2]
HMC668LP3 / 668LP3E
v03.0610
GaAs PHEMT MMIC LNA w/
FAILSAFE BYPASS MODE, 700 - 1200 MHz
[1] Vdd = 5V
[2] Vdd = 3V
[3] measurement reference plane shown on evaluation pCB drawing.
10
12
14
16
18
20
22
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
5
10
15
20
25
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
S11
S21
S22
0.2
0.5
0.8
1.1
1.4
1.7
2
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
+85C
+25C
-40C
10
12
14
16
18
20
22
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)
LNA - Return Loss vs. Temperature [1]
LNA - Noise Figure vs. Temperature [3]
LNA - Output IP3 vs.
Temperature, Output Power @ 0 dBm
18
23
28
33
38
43
48
12
17
22
27
32
37
42
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
Frequency (GHz)
Vdd=5V
Vdd=3V
-25
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
+25C
+85C
-40C
FREQUENCY (GHz)
Input Return Loss
Output Return Loss


Similar Part No. - HMC668LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
768Kb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
   ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
HMC662LP3 HITTITE-HMC662LP3 Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
More results

Similar Description - HMC668LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC669LP3 HITTITE-HMC669LP3 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 1700 - 2200 MHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
logo
Hittite Microwave Corpo...
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC372LP3 HITTITE-HMC372LP3 Datasheet
277Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com