Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC663LC3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC663LC3
Description  GaAs MMIC DOUBLE-BALANCED HIGH IP3 Mixer, 6 - 12 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC663LC3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC663LC3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC663LC3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC663LC3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC663LC3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC663LC3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC663LC3 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 3
Input IP2 vs. Temperature*
Input IP3 vs. LO Drive, IF = 100 MHz *
Input IP3 vs. LO Drive, IF = 3000 MHz *
Input IP3 vs. Temperature*
Input IP2 vs. LO Drive *
* Two-tone input power = -5 dBm each tone, 1 MHz spacing.
HMC663LC3
v03.0709
GaAs MMIC DOUBLE-BALANCED
HIGH IP3 MIxEr, 6 - 12 GHz
40
50
60
70
80
5
6
7
8
9
10
11
12
13
+17 dBm
+19 dBm
+21 dBm
+23 dBm
FREQUENCY (GHz)
20
25
30
35
40
5
6
7
8
9
10
11
12
13
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
25
30
35
40
5
6
7
8
9
10
11
12
13
+17 dBm
+19 dBm
+21 dBm
+23 dBm
FREQUENCY (GHz)
40
50
60
70
80
5
6
7
8
9
10
11
12
13
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Input P1dB vs. Temperature *
10
15
20
25
30
5
6
7
8
9
10
11
12
13
+25 C
+85 C
-40 C
FREQUENCY (GHz)
20
25
30
35
40
3
4
5
6
7
8
9
10
11
12
13
+17 dBm
+19 dBm
+21 dBm
+23 dBm
FREQUENCY (GHz)


Similar Part No. - HMC663LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC663LC3 HITTITE-HMC663LC3 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 6 - 12 GHz
More results

Similar Description - HMC663LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC663LC3 HITTITE-HMC663LC3 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 6 - 12 GHz
HMC316MS8 HITTITE-HMC316MS8_08 Datasheet
206Kb / 6P
   GaAs MMIC HIGH IP3 DOUBLE-BALANCED MIXER, 1.5 - 3.8 GHz
HMC410MS8G HITTITE-HMC410MS8G Datasheet
214Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9.0 - 15.0 GHz
HMC410MS8G HITTITE-HMC410MS8G_10 Datasheet
489Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC410AMS8G HITTITE-HMC410AMS8G Datasheet
588Kb / 6P
   GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC144LC4 HITTITE-HMC144LC4_09 Datasheet
201Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com